Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 862 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 862 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 858Page - Renesas Technology Corp SH7261 Datasheet HTML 859Page - Renesas Technology Corp SH7261 Datasheet HTML 860Page - Renesas Technology Corp SH7261 Datasheet HTML 861Page - Renesas Technology Corp SH7261 Datasheet HTML 862Page - Renesas Technology Corp SH7261 Datasheet HTML 863Page - Renesas Technology Corp SH7261 Datasheet HTML 864Page - Renesas Technology Corp SH7261 Datasheet HTML 865Page - Renesas Technology Corp SH7261 Datasheet HTML 866Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 862 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 830 of 1312
REJ09B0320-0200
Bit 4 — Halt/Sleep Status Bit (GSR4): Indicates whether the CAN engine is in the halt/sleep
state or not. Please note that the clearing time of this flag is not the same as the setting time of
IRR12.
Please note that this flag reflects the status of the CAN engine and not of the full RCAN-ET IP.
RCAN-ET exits sleep mode and can be accessed once MCR5 is cleared. The CAN engine exits
sleep mode only after two additional transmission clocks on the CAN Bus.
Bit 4: GSR4
Description
0
RCAN-ET is not in the Halt state or Sleep state (Initial value)
1
Halt mode (if MCR1 = 1) or Sleep mode (if MCR5 = 1)
[Setting condition] If MCR1 is set and the CAN bus is either in intermission or
idle or MCR5 is set and RCAN-ET is in the halt mode or RCAN-ET is moving
to Bus Off when MCR14 and MCR6 are both set
Bit 3 — Reset Status Bit (GSR3): Indicates whether the RCAN-ET is in the reset state or not.
Bit 3: GSR3
Description
0
RCAN-ET is not in the reset state
1
Reset state (Initial value)
[Setting condition] After an RCAN-ET internal reset (due to SW or HW reset)
Bit 2 — Message Transmission in progress Flag (GSR2): Flag that indicates to the CPU if the
RCAN-ET is in Bus Off or transmitting a message or an error/overload flag due to error detected
during transmission. The timing to set TXACK is different from the time to clear GSR2. TXACK
is set at the 7
th bit of End Of Frame. GSR2 is set at the 3rd bit of intermission if there are no more
messages ready to be transmitted. It is also set by arbitration lost, bus idle, reception, reset or halt
transition.
Bit 2: GSR2
Description
0
RCAN-ET is in Bus Off or a transmission is in progress
1
[Setting condition] Not in Bus Off and no transmission in progress (Initial
value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com