Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 858 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 858 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 854Page - Renesas Technology Corp SH7261 Datasheet HTML 855Page - Renesas Technology Corp SH7261 Datasheet HTML 856Page - Renesas Technology Corp SH7261 Datasheet HTML 857Page - Renesas Technology Corp SH7261 Datasheet HTML 858Page - Renesas Technology Corp SH7261 Datasheet HTML 859Page - Renesas Technology Corp SH7261 Datasheet HTML 860Page - Renesas Technology Corp SH7261 Datasheet HTML 861Page - Renesas Technology Corp SH7261 Datasheet HTML 862Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 858 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 826 of 1312
REJ09B0320-0200
Bit 6 — Halt during Bus Off (MCR6): MCR6 enables or disables entering Halt mode
immediately when MCR1 is set during Bus Off. This bit can be modified only in Reset or Halt
mode. Please note that when Halt is entered in Bus Off the CAN engine is also recovering
immediately to Error Active mode.
Bit6: MCR6
Description
0
Don't enter Halt mode during Bus Off but wait up to end of recovery
sequence (Initial value)
1
Enter Halt mode immediately during Bus Off if MCR[1] or MCR[14] are
asserted.
Bit 5 — Sleep Mode (MCR5): Enables or disables Sleep mode transition. If this bit is set, while
RCAN-ET is in halt mode, the transition to sleep mode is enabled. Setting MCR5 is allowed after
entering Halt mode. The two Error Counters (REC, TEC) will remain the same during Sleep
mode. This mode will be exited in two ways:
1. by writing a '0' to this bit position,
2. or, if MCR[7] is enabled, after detecting a dominant bit on the CAN bus.
If Auto wake up mode is disabled, RCAN-ET will ignore all CAN bus activities until the sleep
mode is terminated. When leaving this mode the RCAN-ET will synchronise to the CAN bus (by
checking for 11 recessive bits) before joining CAN Bus activity. This means that, when the No.2
method is used, RCAN-ET will miss the first message to receive. CAN transceivers stand-by
mode will also be unable to cope with the first message when exiting stand by mode, and the S/W
needs to be designed in this manner.
In sleep mode only the following registers can be accessed: MCR, GSR, IRR and IMR.
Important: RCAN-ET is required to be in Halt mode before requesting to enter in Sleep mode.
That allows the CPU to clear all pending interrupts before entering sleep mode. Once all interrupts
are cleared RCAN-ET must leave the Halt mode and enter Sleep mode simultaneously (by writing
MCR[5] = 1 and MCR[1] = 0 at the same time).
Bit 5: MCR5
Description
0
RCAN-ET sleep mode released (Initial value)
1
Transition to RCAN-ET sleep mode enabled
Bit 4 — Reserved. The written value should always be '0' and the returned value is '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com