Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 859 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 859 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 855Page - Renesas Technology Corp SH7261 Datasheet HTML 856Page - Renesas Technology Corp SH7261 Datasheet HTML 857Page - Renesas Technology Corp SH7261 Datasheet HTML 858Page - Renesas Technology Corp SH7261 Datasheet HTML 859Page - Renesas Technology Corp SH7261 Datasheet HTML 860Page - Renesas Technology Corp SH7261 Datasheet HTML 861Page - Renesas Technology Corp SH7261 Datasheet HTML 862Page - Renesas Technology Corp SH7261 Datasheet HTML 863Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 859 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 827 of 1312
REJ09B0320-0200
Bit 3 — Reserved. The written value should always be '0' and the returned value is '0'.
Bit 2 — Message Transmission Priority (MCR2): MCR2 selects the order of transmission for
pending transmit data. If this bit is set, pending transmit data are sent in order of the bit position in
the Transmission Pending Register (TXPR). The order of transmission starts from Mailbox-15 as
the highest priority, and then down to Mailbox-1 (if those mailboxes are configured for
transmission).
If MCR2 is cleared, all messages for transmission are queued with respect to their priority (by
running internal arbitration). The highest priority message has the Arbitration Field (STDID + IDE
bit + EXTID (if IDE = 1) + RTR bit) with the lowest digital value and is transmitted first. The
internal arbitration includes the RTR bit and the IDE bit (internal arbitration works in the same
way as the arbitration on the CAN Bus between two CAN nodes starting transmission at the same
time).
This bit can be modified only in Reset or Halt mode.
Bit 2: MCR2
Description
0
Transmission order determined by message identifier priority (Initial value)
1
Transmission order determined by mailbox number priority (Mailbox-15
→
Mailbox-1)
Bit 1—Halt Request (MCR1): Setting the MCR1 bit causes the CAN controller to complete its
current operation and then enter Halt mode (where it is cut off from the CAN bus). The RCAN-ET
remains in Halt Mode until the MCR1 is cleared. During the Halt mode, the CAN Interface does
not join the CAN bus activity and does not store messages or transmit messages. All the user
registers (including Mailbox contents and TEC/REC) remain unchanged with the exception of
IRR0 and GSR4 which are used to notify the halt status itself. If the CAN bus is in idle or
intermission state regardless of MCR6, RCAN-ET will enter Halt Mode within one Bit Time. If
MCR6 is set, a halt request during Bus Off will be also processed within one Bit Time. Otherwise
the full Bus Off recovery sequence will be performed beforehand. Entering the Halt Mode can be
notified by IRR0 and GSR4.
If both MCR14 and MCR6 are set, MCR1 is automatically set as soon as RCAN-ET enters
BusOff.
In the Halt mode, the RCAN-ET configuration can be modified with the exception of the Bit
Timing setting, as it does not join the bus activity. MCR[1] has to be cleared by writing a '0' in
order to re-join the CAN bus. After this bit has been cleared, RCAN-ET waits until it detects 11
recessive bits, and then joins the CAN bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com