Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 863 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 863 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 859Page - Renesas Technology Corp SH7261 Datasheet HTML 860Page - Renesas Technology Corp SH7261 Datasheet HTML 861Page - Renesas Technology Corp SH7261 Datasheet HTML 862Page - Renesas Technology Corp SH7261 Datasheet HTML 863Page - Renesas Technology Corp SH7261 Datasheet HTML 864Page - Renesas Technology Corp SH7261 Datasheet HTML 865Page - Renesas Technology Corp SH7261 Datasheet HTML 866Page - Renesas Technology Corp SH7261 Datasheet HTML 867Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 863 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 831 of 1312
REJ09B0320-0200
Bit 1—Transmit/Receive Warning Flag (GSR1): Flag that indicates an error warning.
Bit 1: GSR1
Description
0
[Reset condition] When (TEC < 96 and REC < 96) or Bus Off (Initial value)
1
[Setting condition] When 96
≤ TEC < 256 or 96 ≤ REC < 256
Note:
REC is incremented during Bus Off to count the recurrences of 11 recessive bits as
requested by the Bus Off recovery sequence. However the flag GSR1 is not set in Bus Off.
Bit 0—Bus Off Flag (GSR0): Flag that indicates that RCAN-ET is in the bus off state.
Bit 0: GSR0
Description
0
[Reset condition] Recovery from bus off state or after a HW or SW reset
(Initial value)
1
[Setting condition] When TEC
≥ 256 (bus off state)
Note:
Only the lower 8 bits of TEC are accessible from the user interface. The 9
th bit is
equivalent to GSR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com