Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 861 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 861 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 857Page - Renesas Technology Corp SH7261 Datasheet HTML 858Page - Renesas Technology Corp SH7261 Datasheet HTML 859Page - Renesas Technology Corp SH7261 Datasheet HTML 860Page - Renesas Technology Corp SH7261 Datasheet HTML 861Page - Renesas Technology Corp SH7261 Datasheet HTML 862Page - Renesas Technology Corp SH7261 Datasheet HTML 863Page - Renesas Technology Corp SH7261 Datasheet HTML 864Page - Renesas Technology Corp SH7261 Datasheet HTML 865Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 861 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 829 of 1312
REJ09B0320-0200
19.4.2
General Status Register (GSR)
The General Status Register (GSR) is a 16-bit read-only register that indicates the status of
RCAN-ET.
• GSR (Address = H'002)
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000001100
RRRRRRRRRRRRRRRR
——————————
GSR5 GSR4 GSR3 GSR2 GSR1 GSR0
Bits 15 to 6: Reserved. The written value should always be '0' and the returned value is '0'.
Bit 5 — Error Passive Status Bit (GSR5): Indicates whether the CAN Interface is in Error
Passive or not. This bit will be set high as soon as the RCAN-ET enters the Error Passive state and
is cleared when the module enters again the Error Active state (this means the GSR5 will stay high
during Error Passive and during Bus Off). Consequently to find out the correct state both GSR5
and GSR0 must be considered.
Bit 5: GSR5
Description
0
RCAN-ET is not in Error Passive or in Bus Off status (Initial value)
[Reset condition] RCAN-ET is in Error Active state
1
RCAN-ET is in Error Passive (if GSR0 = 0) or Bus Off (if GSR0 = 1)
[Setting condition] When TEC
≥ 128 or REC ≥ 128 or if Error Passive Test
Mode is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com