Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 857 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 857 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 853Page - Renesas Technology Corp SH7261 Datasheet HTML 854Page - Renesas Technology Corp SH7261 Datasheet HTML 855Page - Renesas Technology Corp SH7261 Datasheet HTML 856Page - Renesas Technology Corp SH7261 Datasheet HTML 857Page - Renesas Technology Corp SH7261 Datasheet HTML 858Page - Renesas Technology Corp SH7261 Datasheet HTML 859Page - Renesas Technology Corp SH7261 Datasheet HTML 860Page - Renesas Technology Corp SH7261 Datasheet HTML 861Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 857 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 825 of 1312
REJ09B0320-0200
Bit 10 - 8 — Test Mode (TST[2:0]): This bit enables/disables the test modes. Please note that
before activating the Test Mode it is requested to move RCAN-ET into Halt mode or Reset mode.
This is to avoid that the transition to Test Mode could affect a transmission/reception in progress.
For details, please refer to section 19.6.2, Test Mode Settings.
Please note that the test modes are allowed only for diagnosis and tests and not when RCAN-ET is
used in normal operation.
Bit10:
TST2
Bit9:
TST1
Bit8:
TST0
Description
0
0
0
Normal mode (initial value)
0
0
1
Listen-only mode (receive-only mode)
0
1
0
Self test mode 1 (external)
0
1
1
Self test mode 2 (internal)
1
0
0
Write error counter
1
0
1
Error passive mode
1
1
0
Setting prohibited
1
1
1
Setting prohibited
Bit 7 — Auto-wake Mode (MCR7): MCR7 enables or disables the Auto-wake mode. If this bit is
set, the RCAN-ET automatically cancels the sleep mode (MCR5) by detecting CAN bus activity
(dominant bit). If MCR7 is cleared the RCAN-ET does not automatically cancel the sleep mode.
RCAN-ET cannot store the message that wakes it up.
Note:
MCR7 cannot be modified while in sleep mode.
Bit7: MCR7
Description
0
Auto-wake by CAN bus activity disabled (Initial value)
1
Auto-wake by CAN bus activity enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com