Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 867 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 867 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 863Page - Renesas Technology Corp SH7261 Datasheet HTML 864Page - Renesas Technology Corp SH7261 Datasheet HTML 865Page - Renesas Technology Corp SH7261 Datasheet HTML 866Page - Renesas Technology Corp SH7261 Datasheet HTML 867Page - Renesas Technology Corp SH7261 Datasheet HTML 868Page - Renesas Technology Corp SH7261 Datasheet HTML 869Page - Renesas Technology Corp SH7261 Datasheet HTML 870Page - Renesas Technology Corp SH7261 Datasheet HTML 871Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 835 of 1312
REJ09B0320-0200
• Requirements of Bit Configuration Register
1-bit time (8 to 25 quanta)
SYNC_SEG
PRSEG
PHSEG1
TSEG1
1
4-16
2-8
TSEG2
PHSEG2
Quantum
SYNC_SEG:
Segment for establishing synchronisation of nodes on the CAN bus. (Normal bit
edge transitions occur in this segment.)
PRSEG:
Segment for compensating for physical delay between networks.
PHSEG1:
Buffer segment for correcting phase drift (positive). (This segment is extended
when synchronisation (resynchronisation) is established.)
PHSEG2:
Buffer segment for correcting phase drift (negative). (This segment is shortened
when synchronisation (resynchronisation) is established)
TSEG1:
TSG1 + 1
TSEG2:
TSG2 + 1
The RCAN-ET Bit Rate Calculation is:
Bit Rate =
fclk
2
× (BRP + 1) × (TSEG1 + TSEG2 + 1)
where BRP is given by the register value and TSEG1 and TSEG2 are derived values from TSG1
and TSG2 register values.
f
CLK = Peripheral Clock
BCR Setting Constraints
TSEG1min > TSEG2
≥ SJWmax
(SJW = 1 to 4)
8
≤ TSEG1 + TSEG2 + 1 ≤ 25 time quanta (TSEG1 + TSEG2 + 1 = 7 is not allowed)
TSEG2
≥ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com