Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 852 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 852 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 848Page - Renesas Technology Corp SH7261 Datasheet HTML 849Page - Renesas Technology Corp SH7261 Datasheet HTML 850Page - Renesas Technology Corp SH7261 Datasheet HTML 851Page - Renesas Technology Corp SH7261 Datasheet HTML 852Page - Renesas Technology Corp SH7261 Datasheet HTML 853Page - Renesas Technology Corp SH7261 Datasheet HTML 854Page - Renesas Technology Corp SH7261 Datasheet HTML 855Page - Renesas Technology Corp SH7261 Datasheet HTML 856Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 852 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 820 of 1312
REJ09B0320-0200
Table 19.4
Mailbox Function Setting
MBC[2] MBC[1] MBC[0]
Data
Frame
Transmit
Remote
Frame
Transmit
Data
Frame
Receive
Remote
Frame
Receive
Remarks
0
0
0
Yes
Yes
No
No
• Not allowed for Mailbox-0
0
0
1
Yes
Yes
No
Yes
• Can be used with ATX*
• Not allowed for Mailbox-0
• LAFM can be used
0
1
0
No
No
Yes
Yes
• Allowed for Mailbox-0
• LAFM can be used
0
1
1
No
No
Yes
No
• Allowed for Mailbox-0
• LAFM can be used
1
0
0
Setting prohibited
1
0
1
Setting prohibited
1
1
0
Setting prohibited
1
1
1
Mailbox inactive (Initial value)
Notes: *
In order to support automatic retransmission, RTR shall be "0" when MBC = B'001 and
ATX = 1.
When ATX = 1 is used the filter for IDE must not be used
DLC[3:0] (Data Length Code): These bits encode the number of data bytes from 0,1, 2, … 8 that
will be transmitted in a data frame. Please note that when a remote frame request is transmitted the
DLC value to be used must be the same as the DLC of the data frame that is requested.
DLC[3]
DLC[2]
DLC[1]
DLC[0]
Description
0
0
0
0
Data Length = 0 byte (Initial value)
0
0
0
1
Data Length = 1 byte
0
0
1
0
Data Length = 2 bytes
0
0
1
1
Data Length = 3 bytes
0
1
0
0
Data Length = 4 bytes
0
1
0
1
Data Length = 5 bytes
0
1
1
0
Data Length = 6 bytes
0
1
1
1
Data Length = 7 bytes
1
x
x
x
Data Length = 8 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com