Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 848 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 848 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 844Page - Renesas Technology Corp SH7261 Datasheet HTML 845Page - Renesas Technology Corp SH7261 Datasheet HTML 846Page - Renesas Technology Corp SH7261 Datasheet HTML 847Page - Renesas Technology Corp SH7261 Datasheet HTML 848Page - Renesas Technology Corp SH7261 Datasheet HTML 849Page - Renesas Technology Corp SH7261 Datasheet HTML 850Page - Renesas Technology Corp SH7261 Datasheet HTML 851Page - Renesas Technology Corp SH7261 Datasheet HTML 852Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 848 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 816 of 1312
REJ09B0320-0200
Table 19.3
Roles of Mailboxes
Tx
Rx
MB15 to MB1
OK
OK
MB0
OK
15
14
13
12
11
10
9876543210
0
RTR
IDE
0
0
NMC
0
0
0
0
0
0
DLC[3:0]
EXTID[15:0]
STDID[10:0]
EXTID[17:16]
MBC[2:0]
MSG_DATA_1
MSG_DATA_3
MSG_DATA_5
MSG_DATA_7
MSG_DATA_0 (first Rx/Tx Byte)
MSG_DATA_2
MSG_DATA_4
MSG_DATA_6
EXTID_
LAFM[17:16]
IDE_
LAFM
0
0
0
RTR
IDE
IDE_
LAFM
0
0
Address
Data Bus
Access Size
Field Name
H'100
H'102
H'104
H'106
H'108
H'10A
H'10C
H'10E
H'110
STDID_LAFM[10:0]
Word/LW
Word
Word/LW
Word
Byte/Word/LW
Byte/Word
Byte/Word/LW
Byte/Word
Byte/Word
Control 0
LAFM
Data
Control 1
MB0 (reception MB)
15
14
13
12
11
10
9876543210
0
0
NMC ATX DART
0
0
0
0
DLC[3:0]
EXTID[15:0]
STDID[10:0]
EXTID[17:16]
MBC[2:0]
MSG_DATA_1
MSG_DATA_3
MSG_DATA_5
MSG_DATA_7
MSG_DATA_0 (first Rx/Tx Byte)
MSG_DATA_2
MSG_DATA_4
MSG_DATA_6
Address
Data Bus
Access Size
Field Name
H'100 + n
× 32
H'102 + n
× 32
H'104 + n
× 32
H'106 + n
× 32
H'108 + n
× 32
H'10A + n
× 32
H'10C + n
× 32
H'10E + n
× 32
H'110 + n
× 32
Regiter Name
MB[0].CONTROL0H
MB[0].CONTROL0L
MB[0].LAFMH
MB[0].LAFML
MB[0].MSG_DATA[0][1]
MB[0].MSG_DATA[2][3]
MB[0].MSG_DATA[4][5]
MB[0].MSG_DATA[6][7]
MB[0].CONTROL1H, L
Register Name
MB[n].CONTROL0H
MB[n].CONTROL0L
MB[n].LAFMH
MB[n].LAFML
MB[n].MSG_DATA[0][1]
MB[n].MSG_DATA[2][3]
MB[n].MSG_DATA[4][5]
MB[n].MSG_DATA[6][7]
MB[n].CONTROL1H, L
Word/LW
Word
Word/LW
Word
Byte/Word/LW
Byte/Word
Byte/Word/LW
Byte/Word
Byte/Word
Control 0
LAFM
Data
Control 1
MB1 to 15 (MB for transmission/reception)
Notes: 1. All bits shadowed in grey are reserved and the write value should be 0. The value returned by a read may not always be 0 and should not be relied upon.
2. MBC1 bit in mailbox is fixed to 1.
3. ATX and DART are not supported by mailbox-0, and the MBC setting of mailbox-0 is limited.
4. When the MCR15 bit is 1, the order of STDID, RTR, IDE and EXTID of both message control and LAFM differs from HCAN2.
5. n = 0 to 15 (mailbox number)
EXTID_LAFM[15:0]
EXTID_
LAFM[17:16]
STDID_LAFM[10:0]
EXTID_LAFM[15:0]
Byte: 8-bit access, Word: 16-bit access, LW (LongWord): 32-bit access
Figure 19.3 Mailbox-n Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com