Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 851 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 851 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 847Page - Renesas Technology Corp SH7261 Datasheet HTML 848Page - Renesas Technology Corp SH7261 Datasheet HTML 849Page - Renesas Technology Corp SH7261 Datasheet HTML 850Page - Renesas Technology Corp SH7261 Datasheet HTML 851Page - Renesas Technology Corp SH7261 Datasheet HTML 852Page - Renesas Technology Corp SH7261 Datasheet HTML 853Page - Renesas Technology Corp SH7261 Datasheet HTML 854Page - Renesas Technology Corp SH7261 Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 819 of 1312
REJ09B0320-0200
Important: Please note that, when this function is used, the RTR bit will never be set despite
receiving a Remote Frame. When a Remote Frame is received, the CPU will be notified by the
corresponding RFPR set, however, as RCAN-ET needs to transmit the current message as a Data
Frame, the RTR bit remains unchanged.
ATX
Description
0
Automatic Transmission of Data Frame disabled (Initial value)
1
Automatic Transmission of Data Frame enabled
DART (Disable Automatic Re-Transmission): When this bit is set, it disables the automatic re-
transmission of a message in the event of an error on the CAN bus or an arbitration lost on the
CAN bus. In effect, when this function is used, the corresponding TXCR bit is automatically set at
the start of transmission. When this bit is set to '0', RCAN-ET tries to transmit the message as
many times as required until it is successfully transmitted or it is cancelled by the TXCR.
DART
Description
0
Re-transmission enabled (Initial value)
1
Re-Transmission disabled
MBC[2:0] (Mailbox Configuration): These bits configure the nature of each Mailbox as follows.
When MBC = B'111, the Mailbox is inactive, i.e., it does not receive or transmit a message
regardless of TXPR or other settings. The MBC = B'110, B'101 and B'100 settings are prohibited.
When the MBC is set to any other value, the LAFM field becomes available. Please don't set
TXPR when MBC is set as reception. Similarly, please don't set TXPR, when MBC is set as
remote frame transmission and RTR in Mailbox is cleared. There is no hardware protection, and
TXPR remains set. MBC[1] of Mailbox-0 is fixed to "1" by hardware. This is to ensure that MB0
cannot be configured to transmit Messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com