Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 850 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 850 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 846Page - Renesas Technology Corp SH7261 Datasheet HTML 847Page - Renesas Technology Corp SH7261 Datasheet HTML 848Page - Renesas Technology Corp SH7261 Datasheet HTML 849Page - Renesas Technology Corp SH7261 Datasheet HTML 850Page - Renesas Technology Corp SH7261 Datasheet HTML 851Page - Renesas Technology Corp SH7261 Datasheet HTML 852Page - Renesas Technology Corp SH7261 Datasheet HTML 853Page - Renesas Technology Corp SH7261 Datasheet HTML 854Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 850 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 818 of 1312
REJ09B0320-0200
• Mailbox-0
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000011100000000
R
R
R/W
R
R
R/W
R/W
R/W
R
R
R
R
R/W
R/W
R/W
R/W
0
0
NMC
0
0
MBC[2:0]
0
0
0
0
DLC[3:0]
Note:
MBC[1] of MB0 is always "1".
• Mailbox-15 to 1
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000011100000000
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R/W
R/W
R/W
R/W
0
0
NMC
ATX DART
MBC[2:0]
0
0
0
0
DLC[3:0]
NMC (New Message Control): When this bit is set to '0', the Mailbox of which the RXPR or
RFPR bit is already set does not store the new message but maintains the old one and sets the
UMSR correspondent bit. When this bit is set to '1', the Mailbox of which the RXPR or RFPR bit
is already set overwrites with the new message and sets the UMSR correspondent bit.
Important: Please note that if a remote frame is overwritten with a data frame or vice versa could
be that both RXPR and RFPR flags (together with UMSR) are set for the same Mailbox. In this
case the RTR bit within the Mailbox Control Field should be relied upon.
NMC
Description
0
Overrun mode (Initial value)
1
Overwrite mode
ATX (Automatic Transmission of Data Frame): When this bit is set to '1' and a Remote Frame
is received into the Mailbox DLC is stored. Then, a Data Frame is transmitted from the same
Mailbox using the current contents of the message data and updated DLC by setting the
corresponding TXPR automatically. The scheduling of transmission is still governed by ID
priority or Mailbox priority as configured with the Message Transmission Priority control bit
(MCR.2). In order to use this function, MBC[2:0] needs to be programmed to be B'001. When a
transmission is performed by this function, the DLC (Data Length Code) to be used is the one that
has been received. Application needs to guarantee that the DLC of the remote frame correspond to
the DLC of the data frame requested.
Important: When ATX is used and MBC = B'001 the filter for the IDE bit cannot be used since
ID of remote frame has to be exactly the same as that of data frame as the reply message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com