Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 846 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 846 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 842Page - Renesas Technology Corp SH7261 Datasheet HTML 843Page - Renesas Technology Corp SH7261 Datasheet HTML 844Page - Renesas Technology Corp SH7261 Datasheet HTML 845Page - Renesas Technology Corp SH7261 Datasheet HTML 846Page - Renesas Technology Corp SH7261 Datasheet HTML 847Page - Renesas Technology Corp SH7261 Datasheet HTML 848Page - Renesas Technology Corp SH7261 Datasheet HTML 849Page - Renesas Technology Corp SH7261 Datasheet HTML 850Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 846 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 814 of 1312
REJ09B0320-0200
19.2.4
Memory Map
The diagram of the memory map is shown below.
H'000
H'002
H'004
H'006
H'008
H'00A
H'00C
H'020
H'022
H'02A
H'032
H'03A
H'042
H'04A
H'052
H'05A
H'0A0
H'0A4
H'100
H'104
H'108
H'10A
H'10C
H'10E
H'110
H'120
H'140
H'160
H'2E0
Bit 15
Bit 0
Bit 15
Bit 0
Master Control Register (MCR)
General Status Register(GSR)
Bit timing Configuration Register 1 (BCR1)
Bit timing Configuration Register 0 (BCR0)
Interrupt Request Register (IRR)
Interrupt Mask Register (IMR)
Mailbox-0 Control 1 (NMC, MBC, DLC)
Mailbox-1 Control/LAFM/Data etc.
Mailbox 0 Data (8 bytes)
Mailbox-2 Control/LAFM/Data etc.
Mailbox-3 Control/LAFM/Data etc.
Mailbox-15 Control/LAFM/Data etc.
Transmit Pending Register (TXPR1)
Transmit Pending Register (TXPR0)
Transmit Cancel Register (TXCR0)
Transmit Acknowledge Register (TXACK0)
Abort Acknowledge Register (ABACK0)
Data Frame Receive Pending Register (RXPR0)
Remote Frame Pending Register (RFPR0)
Mailbox Interrupt Mask Register (MBIMR0)
Unread Message Status Register (UMSR0)
Transmit Error Counter
(TEC)
Receive Error Counter
(REC)
0
2
4
6
1
3
5
7
Mailbox-0 Control 0
(STDID, EXTID, RTR, IDE)
LAFM
Note: The locations not used (between H'000 and H'2F2) are reserved and cannot be accessed.
Addresses shown above are offset addrsses. As for actual addresses, see section 30, List of Registers.
Figure 19.2 RCAN-ET Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com