Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 844 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 844 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 840Page - Renesas Technology Corp SH7261 Datasheet HTML 841Page - Renesas Technology Corp SH7261 Datasheet HTML 842Page - Renesas Technology Corp SH7261 Datasheet HTML 843Page - Renesas Technology Corp SH7261 Datasheet HTML 844Page - Renesas Technology Corp SH7261 Datasheet HTML 845Page - Renesas Technology Corp SH7261 Datasheet HTML 846Page - Renesas Technology Corp SH7261 Datasheet HTML 847Page - Renesas Technology Corp SH7261 Datasheet HTML 848Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 844 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 812 of 1312
REJ09B0320-0200
Important: Although core of RCAN-ET is designed based on a 32-bit bus system, the whole
RCAN-ET including MPI for the CPU has 16-bit bus interface to CPU. In that case, LongWord
(32-bit) access must be implemented as 2 consecutive word (16-bit) accesses. In this manual,
LongWord access means the two consecutive accesses.
19.2.2
Functions of Each Block
(1)
Micro Processor Interface (MPI)
The MPI allows communication between the Renesas CPU and RCAN-ET's registers/mailboxes to
control the memory interface. It also contains the Wakeup Control logic that detects the CAN bus
activities and notifies the MPI and the other parts of RCAN-ET so that the RCAN-ET can
automatically exit the Sleep mode.
It contains registers such as MCR, IRR, GSR and IMR.
(2)
Mailbox
The Mailboxes consists of RAM configured as message buffers and registers. There are 16
Mailboxes, and each mailbox has the following information.
<RAM>
• CAN message control (identifier, rtr, ide,etc)
• CAN message data (for CAN Data frames)
• Local Acceptance Filter Mask for reception
<Registers>
• CAN message control (dlc)
• 3-bit wide Mailbox Configuration, Disable Automatic Re-Transmission bit, Auto-
Transmission for Remote Request bit, New Message Control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com