Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 847 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 847 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 843Page - Renesas Technology Corp SH7261 Datasheet HTML 844Page - Renesas Technology Corp SH7261 Datasheet HTML 845Page - Renesas Technology Corp SH7261 Datasheet HTML 846Page - Renesas Technology Corp SH7261 Datasheet HTML 847Page - Renesas Technology Corp SH7261 Datasheet HTML 848Page - Renesas Technology Corp SH7261 Datasheet HTML 849Page - Renesas Technology Corp SH7261 Datasheet HTML 850Page - Renesas Technology Corp SH7261 Datasheet HTML 851Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 847 / 1348 page
background image
Section 19 Controller Area Network (RCAN-ET) [R5S72611] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 815 of 1312
REJ09B0320-0200
19.3
Mailbox
19.3.1
Mailbox Structure
Mailboxes play a role as message buffers to transmit/receive CAN frames. Each Mailbox is
comprised of 3 identical storage fields that are 1): Message Control, 2): Local Acceptance Filter
Mask, 3): Message Data. The following table shows the address map for the control, LAFM, data
and addresses for each mailbox.
Table 19.2
Address Map for Each Mailbox
Address
Control0
LAFM
Data
Control1
Mailbox
4 bytes
4 bytes
8 bytes
2 bytes
0 (Receive Only)
H'100 to H'103
H'104 to H'107
H'108 to H'10F
H'110 to H'111
1
H'120 to H'123
H'124 to H'127
H'128 to H'12F
H'130 to H'131
2
H'140 to H'143
H'144 to H'147
H'148 to H'14F
H'150 to H'151
3
H'160 to H'163
H'164 to H'167
H'168 to H'16F
H'170 to H'171
4
H'180 to H'183
H'184 to H'187
H'188 to H'18F
H'190 to H'191
5
H'1A0 to H'1A3
H'1A4 to H'1A7
H'1A8 to H'1AF
H'1B0 to H'1B1
6
H'1C0 to H'1C3
H'1C4 to H'1C7
H'1C8 to H'1CF
H'1D0 to H'1D1
7
H'1E0 to H'1E3
H'1E4 to H'1E7
H'1E8 to H'1EF
H'1F0 to H'1F1
8
H'200 to H'203
H'204 to H'207
H'208 to H'20F
H'210 to H'211
9
H'220 to H'223
H'224 to H'227
H'228 to H'22F
H'230 to H'231
10
H'240 to H'243
H'244 to H'247
H'248 to H'24F
H'250 to H'251
11
H'260 to H'263
H'264 to H'267
H'268 to H'26F
H'270 to H'271
12
H'280 to H'283
H'284 to H'287
H'288 to H'28F
H'290 to H'291
13
H'2A0 to H'2A3
H'2A4 to H'2A7
H'2A8 to H'2AF
H'2B0 to H'2B1
14
H'2C0 to H'2C3
H'2C4 to H'2C7
H'2C8 to H'2CF
H'2D0 to H'2D1
15
H'2E0 to H'2E3
H'2E4 to H'2E7
H'2E8 to H'2EF
H'2F0 to H'2F1
Mailbox-0 is a receive-only box, and all the other Mailboxes can operate as both receive and
transmit boxes, dependant upon the MBC (Mailbox Configuration) bits in the Message Control.
The following diagram shows the structure of a Mailbox in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com