Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 959 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 959 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 955Page - Renesas Technology Corp SH7261 Datasheet HTML 956Page - Renesas Technology Corp SH7261 Datasheet HTML 957Page - Renesas Technology Corp SH7261 Datasheet HTML 958Page - Renesas Technology Corp SH7261 Datasheet HTML 959Page - Renesas Technology Corp SH7261 Datasheet HTML 960Page - Renesas Technology Corp SH7261 Datasheet HTML 961Page - Renesas Technology Corp SH7261 Datasheet HTML 962Page - Renesas Technology Corp SH7261 Datasheet HTML 963Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 959 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 927 of 1312
REJ09B0320-0200
20.3.22
IEBus Receive Data Buffer 001 to 128 (IERB001 to IERB128)
IERB001 to IERB128 are 128-byte (8
× 128) buffers to which data to be transmitted during slave
transmission is written.
IERB001 to IERB128 are initialized by a power-on reset or in deep standby. The initial values are
undefined.
76543210
Bit:
Initial value:
R/W:
————————
R*
R*
R*
R*
R*
R*
R*
R*
RBn
[Legend]
n = 0011 to 128
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
RBn
Undefined
R*
IEBus Receive Data Buffer
Data in RB001 to RB128 can be read when the RXBSY
bit in IERSR is set to 1. Data read from RB001 to
RB128 is the field data during slave receive.
Receive data is written starting with RB001 for the start
1-byte data, followed by RB002 and RB003 and so on,
and RB128 stores the last data.
Note:
*
Reading these bits during slave reception (SRE in IEFLG is 1 and RXBSY in IERSR is
0) is prohibited. (Read value is undefined.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com