Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1003 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1003 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 999Page - Renesas Technology Corp SH7261 Datasheet HTML 1000Page - Renesas Technology Corp SH7261 Datasheet HTML 1001Page - Renesas Technology Corp SH7261 Datasheet HTML 1002Page - Renesas Technology Corp SH7261 Datasheet HTML 1003Page - Renesas Technology Corp SH7261 Datasheet HTML 1004Page - Renesas Technology Corp SH7261 Datasheet HTML 1005Page - Renesas Technology Corp SH7261 Datasheet HTML 1006Page - Renesas Technology Corp SH7261 Datasheet HTML 1007Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1003 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 971 of 1312
REJ09B0320-0200
21.3.23
Pre-ECC Correction Subheader: Sub-Mode (Byte 18) Data Register (SHEAD02)
SHEAD02 indicates the sub-mode value in the subheader before ECC correction (byte 18).
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
SHEAD02[7:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
SHEAD02[7:0]
All 0
R
Sub-mode value in the subheader before ECC
correction (byte 18)
For sectors not in Mode 2, this register contains the
byte of data at the corresponding position.
21.3.24
Pre-ECC Correction Subheader: Data Type (Byte 19) Data Register (SHEAD03)
SHEAD03 indicates the data type value in the subheader before ECC correction (byte 19).
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
SHEAD03[7:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
SHEAD03[7:0]
All 0
R
Data type value in the subheader before ECC
correction (byte 19)
For sectors not in Mode 2, this register contains the
byte of data at the corresponding position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com