Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1012 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1012 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1008Page - Renesas Technology Corp SH7261 Datasheet HTML 1009Page - Renesas Technology Corp SH7261 Datasheet HTML 1010Page - Renesas Technology Corp SH7261 Datasheet HTML 1011Page - Renesas Technology Corp SH7261 Datasheet HTML 1012Page - Renesas Technology Corp SH7261 Datasheet HTML 1013Page - Renesas Technology Corp SH7261 Datasheet HTML 1014Page - Renesas Technology Corp SH7261 Datasheet HTML 1015Page - Renesas Technology Corp SH7261 Datasheet HTML 1016Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1012 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 980 of 1312
REJ09B0320-0200
21.3.41
Automatic Buffering Setting Control Register (CBUFCTL0)
76543210
Bit:
Initial value:
R/W:
00000100
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CBUF_
AUT
CBUF_
EN
CBUF_
LINK
CBUF_MD[1:0]
CBUF_
TS
CBUF_
Q
—
Bit
Bit Name
Initial
Value
R/W
Description
7
CBUF_AUT
0
R/W
Automatic Buffering Function ON/OFF Control
When this bit is to be set or cleared while CROM_EN =
1, CBUF_EN should also be set or cleared
simultaneously. Otherwise, the validity of the status
indications in CBUFST0, CBUFST1 and CBUFST2
cannot be guaranteed.
0: Automatic buffering is OFF
1: Automatic buffering is ON
6
CBUF_EN
0
R/W
Buffering to Buffer RAM Control
This bit turns buffering in both automatic and manual
buffering modes on and off. In manual buffering mode,
set this bit after generation of the ISEC interrupt. This
bit is automatically reset when automatic buffering
stops.
0: Buffering is OFF
1: Buffering is ON
5
CBUF_LINK
0
R/W
Buffering Control on Link Block Detection
0: Allocates area for seven sectors
1: Data are buffered, skipping the link block
4, 3
CBUF_MD
[1:0]
00
R/W
Start-sector detection mode when the automatic
buffering function is in use
00: The header values for the previous and current
sectors must be in sequence.
01: The header value detected in the current sector
must be in sequence with the interpolated value.
10: A current sector with any header value is OK.
11: Start-sector detection is based on the interpolated
value even if the current sector is not detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com