Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1013 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1013 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1009Page - Renesas Technology Corp SH7261 Datasheet HTML 1010Page - Renesas Technology Corp SH7261 Datasheet HTML 1011Page - Renesas Technology Corp SH7261 Datasheet HTML 1012Page - Renesas Technology Corp SH7261 Datasheet HTML 1013Page - Renesas Technology Corp SH7261 Datasheet HTML 1014Page - Renesas Technology Corp SH7261 Datasheet HTML 1015Page - Renesas Technology Corp SH7261 Datasheet HTML 1016Page - Renesas Technology Corp SH7261 Datasheet HTML 1017Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1013 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 981 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
CBUF_TS
1
R/W
CBUFCTL1 to CBUFCTL3 Setting Mode
0: Minutes, seconds, and frames values in BCD
1: Total number of sectors (in hexadecimal)
1
CBUF_Q
0
R/W
Q-channel code buffering data specification in the case
of a CRC error in the Q-channel code
0: The values for the last sector for which the CRC
returned a correct result are buffered.
1: The erroneous data is buffered as is.
Since subcodes are not input with this LSI, always set
this bit to 1.
0
0
R/W
Reserved
This bit is always read as 0.The write value should
always be 0.
21.3.42
Automatic Buffering Start Sector Setting: Minutes Control Register (CBUFCTL1)
CBUFCTL1 indicates the minutes value in the header for the first sector to be buffered.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BS_MIN[7:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
BS_MIN[7:0]
All 0
R/W
Setting of the minutes value in the header for the first
sector to be buffered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com