Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1017 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1017 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1013Page - Renesas Technology Corp SH7261 Datasheet HTML 1014Page - Renesas Technology Corp SH7261 Datasheet HTML 1015Page - Renesas Technology Corp SH7261 Datasheet HTML 1016Page - Renesas Technology Corp SH7261 Datasheet HTML 1017Page - Renesas Technology Corp SH7261 Datasheet HTML 1018Page - Renesas Technology Corp SH7261 Datasheet HTML 1019Page - Renesas Technology Corp SH7261 Datasheet HTML 1020Page - Renesas Technology Corp SH7261 Datasheet HTML 1021Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1017 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 985 of 1312
REJ09B0320-0200
21.3.47
CD-ROM Decoder Reset Status Register (RSTSTAT)
RSTSTAT indicates that the RAM in the CD-ROM decoder has been cleared.
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
RAM
CLRST
—
———
——
—
Bit
Bit Name
Initial
Value
R/W
Description
7
RAMCLRST
0
R
This bit is set to 1 on the completion of RAM clearing
triggered by setting RAMRST to 1. It is cleared by
writing a 0 to RAMRST.
6 to 0
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
21.3.48
SSI Data Control Register (SSI)
SSI provides various settings related to the data stream. For the operation corresponding to the
setting of this register, see section 21.4.1, Endian Conversion for Data in the Input Stream.
76543210
Bit:
Initial value:
R/W:
00011000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BYTEND BITEND
BUFEND0[1:0] BUFEND1[1:0]
——
Bit
Bit Name
Initial
Value
R/W
Description
7
BYTEND
0
R/W
Specifies the endian of input data from the SSI module.
When this bit is set to 1, the bytes in STRMDIN0 and
STRMDIN1 are swapped, as are those in STRMDIN2
and STRMDIN3.
6
BITEND
0
R/W
Specifies treatment of the bit order of the input data
from the SSI module.
When this bit is set to 1, the bits within each byte are
rearranged to place them in reverse order, bit 0
→ bit 7
to bit 7
→ bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com