Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1055 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1055 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1051Page - Renesas Technology Corp SH7261 Datasheet HTML 1052Page - Renesas Technology Corp SH7261 Datasheet HTML 1053Page - Renesas Technology Corp SH7261 Datasheet HTML 1054Page - Renesas Technology Corp SH7261 Datasheet HTML 1055Page - Renesas Technology Corp SH7261 Datasheet HTML 1056Page - Renesas Technology Corp SH7261 Datasheet HTML 1057Page - Renesas Technology Corp SH7261 Datasheet HTML 1058Page - Renesas Technology Corp SH7261 Datasheet HTML 1059Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1055 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1023 of 1312
REJ09B0320-0200
22.4.2
Multi Mode
Multi mode should be selected when performing A/D conversion once on one or more channels.
In multi mode, A/D conversion is performed once for a maximum of eight specified analog input
channels, as follows:
1. A/D conversion starts from the analog input channel with the lowest number (e.g. AN0, AN1,
…, AN3) when the ADST bit in ADCSR is set to 1 by software, MTU2, TMR, or external
trigger input.
2. When A/D conversion is completed on each channel, the A/D conversion result is sequentially
transferred to the A/D data register corresponding to that channel.
3. After A/D conversion on all selected channels has completed, the ADF bit in ADCSR is set to
1. If the ADIE bit is set to 1 at this time, an ADI interrupt request is generated.
4. The ADST bit that remains 1 during A/D conversion is automatically cleared to 0 when A/D
conversion is completed, and the A/D converter becomes idle. If the ADST bit is cleared to 0
during A/D conversion, A/D conversion is halted and the A/D converter becomes idle. The
ADF bit is cleared by reading ADF while ADF = 1, then writing 0 to the ADF bit.
A/D conversion is to be performed once on all the specified channels. The conversion results are
transferred for storage into the A/D data registers corresponding to the channels.
When the operating mode or analog input channel selection must be changed during A/D
conversion, to prevent incorrect operation, first clear the ADST bit to 0 to halt A/D conversion.
After making the necessary changes, set the ADST bit to 1. A/D conversion will start again from
the first channel in the group. The ADST bit can be set at the same time as the mode or channel
selection is changed.
Typical operations when three channels (AN0 to AN2) are selected in multi mode are described
next. Figure 22.3 shows a timing diagram for this example.
1. Multi mode is selected (MDS2 = 1, MDS1 = 0), analog input channels AN0 to AN2 are
selected (CH2 = 0, CH1 = 1, CH0 = 0), and A/D conversion is started (ADST = 1).
2. A/D conversion of the first channel (AN0) starts. When A/D conversion is completed, the A/D
conversion result is transferred into ADDRA.
3. Next, the second channel (AN1) is selected automatically and A/D conversion starts.
4. Conversion proceeds in the same way through the third channel (AN2).
5. When conversion of all selected channels (AN0 to AN2) is completed, the ADF flag is set to 1
and the ADST bit cleared to 0.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com