Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1051 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1051 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1047Page - Renesas Technology Corp SH7261 Datasheet HTML 1048Page - Renesas Technology Corp SH7261 Datasheet HTML 1049Page - Renesas Technology Corp SH7261 Datasheet HTML 1050Page - Renesas Technology Corp SH7261 Datasheet HTML 1051Page - Renesas Technology Corp SH7261 Datasheet HTML 1052Page - Renesas Technology Corp SH7261 Datasheet HTML 1053Page - Renesas Technology Corp SH7261 Datasheet HTML 1054Page - Renesas Technology Corp SH7261 Datasheet HTML 1055Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1051 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1019 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5 to 3
MDS[2:0]
000
R/W
Multi-scan Mode
These bits select the operating mode for A/D
conversion.
0xx: Single mode
100: Multi mode: A/D conversion on 1 to 4 channels
101: Multi mode: A/D conversion on 1 to 8 channels
110: Scan mode: A/D conversion on 1 to 4 channels
111: Scan mode: A/D conversion on 1 to 8 channels
Channel Select
These bits and the MDS bits in ADCSR select the
analog input channels.
MDS2 = 0
MDS2 = 1,
MDS0 = 0
MDS2 = 1,
MDS0 = 1
000: AN0
000: AN0
000: AN0
001: AN1
001: AN0, AN1
001: AN0, AN1
010: AN2
010: AN0 to AN2
010: AN0 to AN2
011: AN3
011: AN0 to AN3
011: AN0 to AN3
100: AN4
100: AN4
100: AN0 to AN4
101: AN5
101: AN4, AN5
101: AN0 to AN5
110: AN6
110: AN4 to AN6
110: AN0 to AN6
111: AN7
111: AN4 to AN7
111: AN0 to AN7
2 to 0
CH[2:0]
000
R/W
Note: These bits must be set so that ADCSR_0 and
ADCSR_1 do not have the same analog inputs.
[Legend]
x:
Don't care
Notes: 1. Only 0 can be written to clear the flag after 1 is read.
2. To satisfy the absolute accuracy of the A/D converter characteristics, set a value
greater than the minimum conversion time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com