Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1050 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1050 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1046Page - Renesas Technology Corp SH7261 Datasheet HTML 1047Page - Renesas Technology Corp SH7261 Datasheet HTML 1048Page - Renesas Technology Corp SH7261 Datasheet HTML 1049Page - Renesas Technology Corp SH7261 Datasheet HTML 1050Page - Renesas Technology Corp SH7261 Datasheet HTML 1051Page - Renesas Technology Corp SH7261 Datasheet HTML 1052Page - Renesas Technology Corp SH7261 Datasheet HTML 1053Page - Renesas Technology Corp SH7261 Datasheet HTML 1054Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1050 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1018 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
11 to 8
TRGS[3:0]
0000
R/W
Timer Trigger Select
These bits enable or disable starting of A/D conversion
by a trigger signal.
0000: Start of A/D conversion by external trigger input is
disabled
0001: A/D conversion is started by conversion trigger
TRGAN from MTU2
0010: A/D conversion is started by conversion trigger
TRG0N from MTU2
0011: A/D conversion is started by conversion trigger
TRG4AN from MTU2
0100: A/D conversion is started by conversion trigger
TRG4BN from MTU2
0101: Setting prohibited
0110: Setting prohibited
0111: Setting prohibited
1000: Setting prohibited
1001: A/D conversion is started by
ADTRG
1010: A/D conversion is started by conversion trigger
from the TMR
1011 to 1111: Setting prohibited
7, 6
CKS[1:0]
01
R/W
Clock Select
These bits select the A/D conversion time. *
2 Set the
A/D conversion time while A/D conversion is halted
(ADST = 0).
00: Conversion time = 138 states (maximum)
01: Conversion time = 274 states (maximum)
10: Conversion time = 546 states (maximum)
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com