Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1049 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1049 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1045Page - Renesas Technology Corp SH7261 Datasheet HTML 1046Page - Renesas Technology Corp SH7261 Datasheet HTML 1047Page - Renesas Technology Corp SH7261 Datasheet HTML 1048Page - Renesas Technology Corp SH7261 Datasheet HTML 1049Page - Renesas Technology Corp SH7261 Datasheet HTML 1050Page - Renesas Technology Corp SH7261 Datasheet HTML 1051Page - Renesas Technology Corp SH7261 Datasheet HTML 1052Page - Renesas Technology Corp SH7261 Datasheet HTML 1053Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1049 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1017 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
13
ADST
0
R/W
A/D Start
Starts or stops A/D conversion. This bit remains set to 1
during A/D conversion.
0: A/D conversion is stopped
1: Single mode: A/D conversion starts. This bit is
automatically cleared to 0 when A/D conversion ends
on the selected channel.
Multi mode: A/D conversion starts. This bit is
automatically cleared to 0 when A/D conversion is
completed cycling through the selected channels.
Scan mode: A/D conversion starts. A/D conversion is
continuously performed until this bit is cleared to 0 by
software, by a power-on reset as well as by a
transition to deep standby mode, software standby
mode or module standby mode.
12
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com