Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1046 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1046 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1042Page - Renesas Technology Corp SH7261 Datasheet HTML 1043Page - Renesas Technology Corp SH7261 Datasheet HTML 1044Page - Renesas Technology Corp SH7261 Datasheet HTML 1045Page - Renesas Technology Corp SH7261 Datasheet HTML 1046Page - Renesas Technology Corp SH7261 Datasheet HTML 1047Page - Renesas Technology Corp SH7261 Datasheet HTML 1048Page - Renesas Technology Corp SH7261 Datasheet HTML 1049Page - Renesas Technology Corp SH7261 Datasheet HTML 1050Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1046 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1014 of 1312
REJ09B0320-0200
22.3
Register Configuration
The A/D converter has the following registers.
Table 22.2
Register Configuration
Register Name
Abbreviation
R/W
Initial
Value
Address
Access
Size
A/D data register A
ADDRA
R
H'0000
H'FFFE5800
16
A/D data register B
ADDRB
R
H'0000
H'FFFE5802
16
A/D data register C
ADDRC
R
H'0000
H'FFFE5804
16
A/D data register D
ADDRD
R
H'0000
H'FFFE5806
16
A/D data register E
ADDRE
R
H'0000
H'FFFE5808
16
A/D data register F
ADDRF
R
H'0000
H'FFFE580A
16
A/D data register G
ADDRG
R
H'0000
H'FFFE580C
16
A/D data register H
ADDRH
R
H'0000
H'FFFE580E
16
A/D control/status register
ADCSR
R/W
H'0040
H'FFFE5820
16
22.3.1
A/D Data Registers A to H (ADDRA to ADDRH)
The sixteen A/D data registers, ADDRA to ADDRH, are 16-bit read-only registers that store the
results of A/D conversion.
An A/D conversion produces 10-bit data, which is transferred for storage into the ADDR
corresponding to the selected channel. The 10 bits of the result are stored in the upper bits (bits 15
to 6) of ADDR. Bits 5 to 0 of ADDR are reserved bits that are always read as 0.
Access to ADDR in 8-bit units is prohibited. ADDR must always be accessed in 16-bit units.
ADDR is initialized to H'0000 by a power-on reset as well as in deep standby mode, software
standby mode or module standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com