Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1048 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1048 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1044Page - Renesas Technology Corp SH7261 Datasheet HTML 1045Page - Renesas Technology Corp SH7261 Datasheet HTML 1046Page - Renesas Technology Corp SH7261 Datasheet HTML 1047Page - Renesas Technology Corp SH7261 Datasheet HTML 1048Page - Renesas Technology Corp SH7261 Datasheet HTML 1049Page - Renesas Technology Corp SH7261 Datasheet HTML 1050Page - Renesas Technology Corp SH7261 Datasheet HTML 1051Page - Renesas Technology Corp SH7261 Datasheet HTML 1052Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1048 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1016 of 1312
REJ09B0320-0200
22.3.2
A/D Control/Status Register (ADCSR)
ADCSR is a 16-bit readable/writable register that selects the mode, controls the A/D converter,
and enables or disables starting of A/D conversion by external trigger input.
ADCSR is initialized to H'0040 by a power-on reset as well as in deep standby mode, software
standby mode or module standby mode.
15
14
13
12
11
10
987654321
0
0000000001000000
R/(W)* R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Note:
Only 0 can be written to clear the flag after 1 is read.
*
ADF
ADIE ADST
—
TRGS[3:0]
CKS[1:0]
MDS[2:0]
CH[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
15
ADF
0
R/(W)*
1
A/D End Flag
Status flag indicating the end of A/D conversion.
[Clearing conditions]
• Cleared by reading ADF while ADF = 1, then
writing 0 to ADF
• Cleared when DMAC is activated by ADI interrupt
and ADDR is read
[Setting conditions]
• A/D conversion ends in single mode
• A/D conversion ends for the selected channels in
multi mode
• A/D conversion ends for the selected channels in
scan mode
14
ADIE
0
R/W
A/D Interrupt Enable
Enables or disables the interrupt (ADI) requested at
the end of A/D conversion. Set the ADIE bit while A/D
conversion is not being made.
0: A/D end interrupt request (ADI) is disabled
1: A/D end interrupt request (ADI) is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com