Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 142Page - Renesas Technology Corp SH7261 Datasheet HTML 143Page - Renesas Technology Corp SH7261 Datasheet HTML 144Page - Renesas Technology Corp SH7261 Datasheet HTML 145Page - Renesas Technology Corp SH7261 Datasheet HTML 146Page - Renesas Technology Corp SH7261 Datasheet HTML 147Page - Renesas Technology Corp SH7261 Datasheet HTML 148Page - Renesas Technology Corp SH7261 Datasheet HTML 149Page - Renesas Technology Corp SH7261 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1348 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 114 of 1312
REJ09B0320-0200
The FPU exception flag field (Flag) of FPSCR is always updated regardless of whether or not an
FPU exception has been accepted, and remains set until explicitly cleared by the user through an
instruction. The FPU exception source field (Cause) of FPSCR changes each time an FPU
instruction is executed.
When the V bit in the FPU exception enable field (Enable) of FPSCR is set and the QIS bit in
FPSCR is also set, FPU exception is generated when qNAN or
±∞ is input to a floating point
operation instruction source.
5.8
When Exception Sources Are Not Accepted
When an address error, bus error, FPU exception, register bank error (overflow), or interrupt is
generated immediately after a delayed branch instruction, it is sometimes not accepted
immediately but stored instead, as shown in table 5.11. When this happens, it will be accepted
when an instruction that can accept the exception is decoded.
Table 5.11
Exception Source Generation Immediately after Delayed Branch Instruction
Exception Source
Point of Occurrence
Address
Error
Bus Error
FPU
Exception
Register
Bank Error
(Overflow)
Interrupt
Immediately after a
delayed branch
instruction*
Not accepted
Not accepted Not accepted Not accepted Not accepted
Note:
*
Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com