Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 139Page - Renesas Technology Corp SH7261 Datasheet HTML 140Page - Renesas Technology Corp SH7261 Datasheet HTML 141Page - Renesas Technology Corp SH7261 Datasheet HTML 142Page - Renesas Technology Corp SH7261 Datasheet HTML 143Page - Renesas Technology Corp SH7261 Datasheet HTML 144Page - Renesas Technology Corp SH7261 Datasheet HTML 145Page - Renesas Technology Corp SH7261 Datasheet HTML 146Page - Renesas Technology Corp SH7261 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 1348 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 111 of 1312
REJ09B0320-0200
5.7
Exceptions Triggered by Instructions
5.7.1
Types of Exceptions Triggered by Instructions
Exception handling can be triggered by trap instructions, general illegal instructions, slot illegal
instructions, and integer division exceptions, as shown in table 5.10.
Table 5.10
Types of Exceptions Triggered by Instructions
Type
Source Instruction
Comment
Trap instruction
TRAPA
Slot illegal
instructions
Undefined code placed
immediately after a delayed
branch instruction (delay slot),
instructions that rewrite the PC,
32-bit instructions, RESBANK
instruction, DIVS instruction, and
DIVU instruction
Delayed branch instructions: JMP, JSR,
BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF
Instructions that rewrite the PC: JMP, JSR,
BRA, BSR, RTS, RTE, BT, BF, TRAPA,
BF/S, BT/S, BSRF, BRAF, JSR/N, RTV/N
32-bit instructions: BAND.B, BANDNOT.B,
BCLR.B, BLD.B, BLDNOT.B, BOR.B,
BORNOT.B, BSET.B, BST.B, BXOR.B,
MOV.B@disp12, MOV.W@disp12,
MOV.L@disp12, MOVI20, MOVI20S,
MOVU.B, MOVU.W.
General illegal
instructions
Undefined code anywhere
besides in a delay slot
Division by zero
DIVU, DIVS
Integer division
exceptions
Negative maximum value
÷ (−1)
DIVS
Floating-point
operation
instruction
Instructions that cause disabled
operation exception defined by
IEEE754 standard or division
exception by zero. Instructions
that could cause overflow,
underflow, or imprecise
exception.
FADD, FSUB, FMUL, FDIV, FMAC,
FCMP/EQ, FCMP/GT, FLOAT, FTRC,
FCNVDS, FCNVSD, FSQRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com