Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 189Page - Renesas Technology Corp SH7261 Datasheet HTML 190Page - Renesas Technology Corp SH7261 Datasheet HTML 191Page - Renesas Technology Corp SH7261 Datasheet HTML 192Page - Renesas Technology Corp SH7261 Datasheet HTML 193Page - Renesas Technology Corp SH7261 Datasheet HTML 194Page - Renesas Technology Corp SH7261 Datasheet HTML 195Page - Renesas Technology Corp SH7261 Datasheet HTML 196Page - Renesas Technology Corp SH7261 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1348 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 161 of 1312
REJ09B0320-0200
6.8.3
Save and Restore Operations after Saving to All Banks
If an interrupt occurs and usage of the register banks is enabled for the interrupt accepted by the
CPU in a state where saving has been performed to all register banks, automatic saving to the
stack is performed instead of register bank saving if the BOVE bit in the bank number register
(IBNR) is cleared to 0. If the BOVE bit in IBNR is set to 1, register bank overflow exception
occurs and data is not saved to the stack.
Save and restore operations when using the stack are as follows:
(1)
Saving to Stack
1. The status register (SR) and program counter (PC) are saved to the stack during interrupt
exception handling.
2. The contents of the banked registers (R0 to R14, GBR, MACH, MACL, and PR) are saved to
the stack. The registers are saved to the stack in the order of MACL, MACH, GBR, PR, R14,
R13, …, R1, and R0.
3. The register bank overflow bit (BO) in SR is set to 1.
4. The bank number bit (BN) value in the bank number register (IBNR) remains set to the
maximum value of 15.
(2)
Restoration from Stack
When the RESBANK (restore from register bank) instruction is executed with the register bank
overflow bit (BO) in SR set to 1, the CPU operates as follows:
1. The contents of the banked registers (R0 to R14, GBR, MACH, MACL, and PR) are restored
from the stack. The registers are restored from the stack in the order of R0, R1, …, R13, R14,
PR, GBR, MACH, and MACL.
2. The bank number bit (BN) value in the bank number register (IBNR) remains set to the
maximum value of 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com