Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 191Page - Renesas Technology Corp SH7261 Datasheet HTML 192Page - Renesas Technology Corp SH7261 Datasheet HTML 193Page - Renesas Technology Corp SH7261 Datasheet HTML 194Page - Renesas Technology Corp SH7261 Datasheet HTML 195Page - Renesas Technology Corp SH7261 Datasheet HTML 196Page - Renesas Technology Corp SH7261 Datasheet HTML 197Page - Renesas Technology Corp SH7261 Datasheet HTML 198Page - Renesas Technology Corp SH7261 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1348 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 163 of 1312
REJ09B0320-0200
6.9
Data Transfer with Interrupt Request Signals
Interrupt request signals can be used to activate the DMAC and transfer data.
Interrupt sources that are specified to activate the DMAC are masked by setting the DMA transfer
enable bit in DREQER0 to DREQER3 to 1 without being input to the INTC.
6.9.1
Handling Interrupt Request Signals as Sources for CPU Interrupt but not DMAC
Activation
1. Clear the corresponding DMAC transfer request enable bit in DREQER0 to DREQER3 to 0.
2. When an interrupt occurs, the interrupt request will be sent to the CPU.
3. The CPU clears the interrupt source and performs the necessary processing in the interrupt
handling routine.
6.9.2
Handling Interrupt Request Signals as Sources for DMAC Activation but not CPU
Interrupt
1. Select* the signals as DMAC activating sources by setting the corresponding DMAC transfer
request enable bit in DREQER0 to DREQER3 to 1. This masks the CPU interrupt source
regardless of the interrupt priority register settings.
2. When an interrupt occurs, the activation source will be sent to the DMAC.
3. The DMAC clears the activation source during the transfer.
Note: * As for the method to select the DMAC request sources, see section 11, Direct Memory
Access Controller (DMAC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com