Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 193Page - Renesas Technology Corp SH7261 Datasheet HTML 194Page - Renesas Technology Corp SH7261 Datasheet HTML 195Page - Renesas Technology Corp SH7261 Datasheet HTML 196Page - Renesas Technology Corp SH7261 Datasheet HTML 197Page - Renesas Technology Corp SH7261 Datasheet HTML 198Page - Renesas Technology Corp SH7261 Datasheet HTML 199Page - Renesas Technology Corp SH7261 Datasheet HTML 200Page - Renesas Technology Corp SH7261 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 1348 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 165 of 1312
REJ09B0320-0200
Section 7 User Break Controller (UBC)
The user break controller (UBC) provides functions that simplify program debugging. These
functions make it easy to design an effective self-monitoring debugger, enabling the chip to debug
programs without using an in-circuit emulator. Instruction fetch or data read/write of CPU, data
size, data contents, address value, and stop timing in the case of instruction fetch are break
conditions that can be set in the UBC. Since this LSI uses a Harvard architecture, instruction fetch
on the CPU bus (C bus) is performed by issuing bus cycles on the instruction fetch bus (F bus),
and data access on the C bus is performed by issuing bus cycles on the memory access bus (M
bus). The UBC monitors the C bus and internal bus (I bus).
7.1
Features
1. The following break comparison conditions can be set.
Number of break channels: two channels (channels 0 and 1)
User break can be requested as the independent condition on channels 0 and 1.
• Address
Comparison of the 32-bit address is maskable in 1-bit units.
One of the three address buses (F address bus (FAB), M address bus (MAB), and I address bus
(IAB)) can be selected.
• Data
Comparison of the 32-bit data is maskable in 1-bit units.
One of the two data buses (M data bus (MDB) and I data bus (IDB)) can be selected.
• Bus cycle
Instruction fetch (only when C bus is selected) or data access
• Read/write
• Operand size
Byte, word, and longword
2. In an instruction fetch cycle, it can be selected whether the start of user break interrupt
exception processing is set before or after an instruction is executed.
3. When a break condition is satisfied, a trigger signal is output from the
UBCTRG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com