Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 197Page - Renesas Technology Corp SH7261 Datasheet HTML 198Page - Renesas Technology Corp SH7261 Datasheet HTML 199Page - Renesas Technology Corp SH7261 Datasheet HTML 200Page - Renesas Technology Corp SH7261 Datasheet HTML 201Page - Renesas Technology Corp SH7261 Datasheet HTML 202Page - Renesas Technology Corp SH7261 Datasheet HTML 203Page - Renesas Technology Corp SH7261 Datasheet HTML 204Page - Renesas Technology Corp SH7261 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1348 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 169 of 1312
REJ09B0320-0200
7.3.2
Break Address Mask Register (BAMR)
BAMR is a 32-bit readable/writable register. BAMR specifies bits masked in the break address
bits specified by BAR. BAMR is initialized to H'00000000 by a power-on reset or in deep
standby, but retains its previous value by a manual reset or in software standby mode or sleep
mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
BAM31 BAM30 BAM29 BAM28 BAM27 BAM26 BAM25 BAM24 BAM23 BAM22 BAM21 BAM20 BAM19 BAM18 BAM17 BAM16
BAM15 BAM14 BAM13 BAM12 BAM11 BAM10 BAM9 BAM8 BAM7 BAM6 BAM5 BAM4 BAM3 BAM2 BAM1 BAM0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAM31 to
BAM0
All 0
R/W
Break Address Mask
Specify bits masked in the break address bits specified
by BAR (BA31 to BA0).
0: Break address bit BAn is included in the break
condition
1: Break address bit BAn is masked and not included
in the break condition
Note: n = 31 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com