Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 199Page - Renesas Technology Corp SH7261 Datasheet HTML 200Page - Renesas Technology Corp SH7261 Datasheet HTML 201Page - Renesas Technology Corp SH7261 Datasheet HTML 202Page - Renesas Technology Corp SH7261 Datasheet HTML 203Page - Renesas Technology Corp SH7261 Datasheet HTML 204Page - Renesas Technology Corp SH7261 Datasheet HTML 205Page - Renesas Technology Corp SH7261 Datasheet HTML 206Page - Renesas Technology Corp SH7261 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 1348 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 171 of 1312
REJ09B0320-0200
7.3.4
Break Data Mask Register (BDMR)
BDMR is a 32-bit readable/writable register. BDMR specifies bits masked in the break data bits
specified by BDR. BDMR is initialized to H'00000000 by a power-on reset or in deep standby, but
retains its previous value by a manual reset or in software standby mode or sleep mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
BDM31 BDM30 BDM29 BDM28 BDM27 BDM26 BDM25 BDM24 BDM23 BDM22 BDM21 BDM20 BDM19 BDM18 BDM17 BDM16
BDM15 BDM14 BDM13 BDM12 BDM11 BDM10 BDM9 BDM8 BDM7 BDM6 BDM5 BDM4 BDM3 BDM2 BDM1 BDM0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDM31 to
BDM0
All 0
R/W
Break Data Mask
Specify bits masked in the break data bits specified by
BDR (BD31 to BD0).
0: Break data bit BDn is included in the break condition
1: Break data bit BDn is masked and not included in
the break condition
Note: n = 31 to 0
Notes: 1. Set the operand size when specifying a value on a data bus as the break condition.
2. When the byte size is selected as a break condition, the same byte data must be set in
bits 31 to 24, 23 to 16, 15 to 8, and 7 to 0 in BDMR as the break mask data. Similarly,
when the word size is selected, the same word data must be set in bits 31 to 16 and 15
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com