Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 198Page - Renesas Technology Corp SH7261 Datasheet HTML 199Page - Renesas Technology Corp SH7261 Datasheet HTML 200Page - Renesas Technology Corp SH7261 Datasheet HTML 201Page - Renesas Technology Corp SH7261 Datasheet HTML 202Page - Renesas Technology Corp SH7261 Datasheet HTML 203Page - Renesas Technology Corp SH7261 Datasheet HTML 204Page - Renesas Technology Corp SH7261 Datasheet HTML 205Page - Renesas Technology Corp SH7261 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1348 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 170 of 1312
REJ09B0320-0200
7.3.3
Break Data Register (BDR)
BDR is a 32-bit readable/writable register. The control bits CD[1:0] in the break bus cycle register
(BBR) select one of the two data buses for a break condition. BDR is initialized to H'00000000 by
a power-on reset or in deep standby, but retains its previous value by a manual reset or in software
standby mode or sleep mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
BD31 BD30 BD29 BD28 BD27 BD26 BD25 BD24 BD23 BD22 BD21 BD20 BD19 BD18 BD17 BD16
BD15 BD14 BD13 BD12 BD11 BD10 BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BD31 to BD0 All 0
R/W
Break Data Bits
Store data which specifies a break condition.
If the I bus is selected in BBR, specify the break data
on IDB in bits BD31 to BD0.
If the C bus is selected in BBR, specify the break data
on MDB in bits BD31 to BD0.
Notes: 1. Set the operand size when specifying a value on a data bus as the break condition.
2. When the byte size is selected as a break condition, the same byte data must be set in
bits 31 to 24, 23 to 16, 15 to 8, and 7 to 0 in BDR as the break data. Similarly, when the
word size is selected, the same word data must be set in bits 31 to 16 and 15 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com