Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 223Page - Renesas Technology Corp SH7261 Datasheet HTML 224Page - Renesas Technology Corp SH7261 Datasheet HTML 225Page - Renesas Technology Corp SH7261 Datasheet HTML 226Page - Renesas Technology Corp SH7261 Datasheet HTML 227Page - Renesas Technology Corp SH7261 Datasheet HTML 228Page - Renesas Technology Corp SH7261 Datasheet HTML 229Page - Renesas Technology Corp SH7261 Datasheet HTML 230Page - Renesas Technology Corp SH7261 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 1348 page
background image
Section 8 Cache
Rev. 2.00 Sep. 07, 2007 Page 195 of 1312
REJ09B0320-0200
Table 8.6
LRU and Way Replacement (when W2LOCK=0 and W3LOCK=1)
LRU (Bits 5 to 0)
Way to be Replaced
000000, 000001, 000011, 001011, 100000, 100001, 101001, 101011
2
000100, 000110, 000111, 001111, 010100, 010110, 011110, 011111
1
110000, 110100, 111000, 111001, 111011, 111100, 111110, 111111
0
Table 8.7
LRU and Way Replacement (when W2LOCK=1 and W3LOCK=1)
LRU (Bits 5 to 0)
Way to be Replaced
000000, 000001, 000011, 000100, 000110, 000111, 001011, 001111,
010100, 010110, 011110, 011111
1
100000, 100001, 101001, 101011, 110000, 110100, 111000, 111001,
111011, 111100, 111110, 111111
0
8.3
Operation
Operations for the operand cache are described here. Operations for the instruction cache are
similar to those for the operand cache except for the address array not having the U bit, and there
being no prefetch operation or write operation, or a write-back buffer.
8.3.1
Searching Cache
If the operand cache is enabled (OCE bit in CCR1 is 1), whenever data in a cache-enabled area is
accessed, the cache will be searched to see if the desired data is in the cache. Figure 8.2 illustrates
the method by which the cache is searched.
Entries are selected using bits 10 to 4 of the address used to access memory and the tag address of
that entry is read. At this time, the upper three bits of the tag address are always cleared to 0. Bits
31 to 11 of the address used to access memory are compared with the read tag address. The
address comparison uses all four ways. When the comparison shows a match and the selected
entry is valid (V
= 1), a cache hit occurs. When the comparison does not show a match or the
selected entry is not valid (V
= 0), a cache miss occurs. Figure 8.2 shows a hit on way 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com