Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 225Page - Renesas Technology Corp SH7261 Datasheet HTML 226Page - Renesas Technology Corp SH7261 Datasheet HTML 227Page - Renesas Technology Corp SH7261 Datasheet HTML 228Page - Renesas Technology Corp SH7261 Datasheet HTML 229Page - Renesas Technology Corp SH7261 Datasheet HTML 230Page - Renesas Technology Corp SH7261 Datasheet HTML 231Page - Renesas Technology Corp SH7261 Datasheet HTML 232Page - Renesas Technology Corp SH7261 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 1348 page
background image
Section 8 Cache
Rev. 2.00 Sep. 07, 2007 Page 197 of 1312
REJ09B0320-0200
8.3.2
Read Access
(1)
Read Hit
In a read access, data is transferred from the cache to the CPU. LRU is updated so that the hit way
is the latest.
(2)
Read Miss
An external bus cycle starts and the entry is updated. The way replaced follows table 8.4. Entries
are updated in 16-byte units. When the desired data that caused the miss is loaded from external
memory to the cache, the data is transferred to the CPU in parallel with being loaded to the cache.
When it is loaded in the cache, the V bit is set to 1, and LRU is updated so that the replaced way
becomes the latest. In operand cache, the U bit is additionally cleared to 0. When the U bit of the
entry to be replaced by updating the entry in write-back mode is 1, the cache update cycle starts
after the entry is transferred to the write-back buffer. After the cache completes its update cycle,
the write-back buffer writes the entry back to the memory. The write-back unit is 16 bytes.
8.3.3
Prefetch Operation (Only for Operand Cache)
(1)
Prefetch Hit
LRU is updated so that the hit way becomes the latest. The contents in other caches are not
modified. No data is transferred to the CPU.
(2)
Prefetch Miss
No data is transferred to the CPU. The way to be replaced follows table 8.3. Other operations are
the same in case of read miss.
8.3.4
Write Operation (Only for Operand Cache)
(1)
Write Hit
In a write access in write-back mode, the data is written to the cache and no external memory
write cycle is issued. The U bit of the entry written is set to 1 and LRU is updated so that the hit
way becomes the latest.
In write-through mode, the data is written to the cache and an external memory write cycle is
issued. The U bit of the written entry is not updated and LRU is updated so that the replaced way
becomes the latest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com