Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 226Page - Renesas Technology Corp SH7261 Datasheet HTML 227Page - Renesas Technology Corp SH7261 Datasheet HTML 228Page - Renesas Technology Corp SH7261 Datasheet HTML 229Page - Renesas Technology Corp SH7261 Datasheet HTML 230Page - Renesas Technology Corp SH7261 Datasheet HTML 231Page - Renesas Technology Corp SH7261 Datasheet HTML 232Page - Renesas Technology Corp SH7261 Datasheet HTML 233Page - Renesas Technology Corp SH7261 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 1348 page
background image
Section 8 Cache
Rev. 2.00 Sep. 07, 2007 Page 198 of 1312
REJ09B0320-0200
(2)
Write Miss
In write-back mode, an external bus cycle starts when a write miss occurs, and the entry is
updated. The way to be replaced follows table 8.4. When the U bit of the entry to be replaced is 1,
the cache update cycle starts after the entry is transferred to the write-back buffer. Data is written
to the cache, the U bit is set to 1, and the V bit is set to 1. LRU is updated so that the replaced way
becomes the latest. After the cache completes its update cycle, the write-back buffer writes the
entry back to the memory. The write-back unit is 16 bytes.
In write-through mode, no write to cache occurs in a write miss; the write is only to the external
memory.
8.3.5
Write-Back Buffer (Only for Operand Cache)
When the U bit of the entry to be replaced in the write-back mode is 1, it must be written back to
the external memory. To increase performance, the entry to be replaced is first transferred to the
write-back buffer and fetching of new entries to the cache takes priority over writing back to the
external memory. After the cache completes to fetch the new entry, the write-back buffer writes
the entry back to external memory. During the write-back cycles, the cache can be accessed. The
write-back buffer can hold one line of cache data (16 bytes) and its physical address. Figure 8.3
shows the configuration of the write-back buffer.
Longword 0
Longword 1
Longword 2
Longword 3
A (31 to 4)
A (31 to 4):
Physical address written to external memory (upper three bits are 0)
Longword 0 to 3: One line of cache data to be written to external memory
Figure 8.3 Write-Back Buffer Configuration
Operations in sections 8.3.2 to 8.3.5 are compiled in table 8.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com