| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 320 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 320 Page - Renesas Technology Corp |
|
320 / 1348 page ![]() Section 9 Bus State Controller (BSC) Rev. 2.00 Sep. 07, 2007 Page 288 of 1312 REJ09B0320-0200 A16 A15 A14 A13 to A2 A1, A0 SDCKE SDCLK SDCS SDRAS SDCAS SDWE D13 to D16 DQM3 DQM2 D15 to D0 DQM1 DQM0 A13 (BA1) A12 (BA0) A11 to A0 CKE CLK CS RAS CAS WE I/O15 to I/O0 DQMU DQML 64 M SDRAM (1 M × 16 bits × 4 banks) This LSI Not in use Not in use Not in use Not in use Not in use Figure 9.43 Example of Connecting a 16-Bit Data-Width SDRAM 9.6 Usage Note 9.6.1 Note on Power-on Reset Exception Handling and Deep Standby Mode Cancellation When writing to the external address space or making SDRAM settings in power-on reset exception handling or cancellation of deep standby mode, be sure to set bits ACOSW[3:0] in ACSWR to B'0011 beforehand. 9.6.2 Write Buffer In write access to normal or SDRAM space, the write data are stored once in the internal write buffer of the BSC, and only after that does actual writing to the device (external device) connected in the normal or SDRAM space proceed. Since writing from the write buffer to the external device is performed automatically, no processing by software is necessary. However, care must be taken on the following point. Write access from the CPU or DMAC appears complete at the point where the data are stored in the above write buffer. That is, at the point where the write access from the CPU or DMA controller has been completed, writing to the external device might not have been completed. To confirm the completion of writing to the external device, dummy read the normal or SDRAM space. Completion of the dummy-read operation guarantees the completion of writing to the external device in response to previous write |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |