Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 319Page - Renesas Technology Corp SH7261 Datasheet HTML 320Page - Renesas Technology Corp SH7261 Datasheet HTML 321Page - Renesas Technology Corp SH7261 Datasheet HTML 322Page - Renesas Technology Corp SH7261 Datasheet HTML 323Page - Renesas Technology Corp SH7261 Datasheet HTML 324Page - Renesas Technology Corp SH7261 Datasheet HTML 325Page - Renesas Technology Corp SH7261 Datasheet HTML 326Page - Renesas Technology Corp SH7261 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 1348 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 291 of 1312
REJ09B0320-0200
Section 10 Bus Monitor
The bus monitor is a module that monitors bus errors on each bus. When an illegal address access
or a bus timeout is detected, a bus error interrupt is generated and an access canceling signal is
output for the bus timeout. (The bus timeout function is used for debugging.)
Figure 10.1 shows a block diagram of the bus monitor.
Bus monitor
Bus monitor enable register
Bus monitor status register 1
SH2A
CPU core
Bus error signal
Peripheral
bus
Bus monitor status register 2
Bus error control register
Figure 10.1 Block Diagram of Bus Monitor
10.1
Register Descriptions
The bus monitor has the following registers.
All registers are initialized by a power-on reset or in deep standby mode.
Table 10.1
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Access
Size
Bus monitor enable register
SYCBEEN
R/W
H'00
H'FF400000
8, 16, 32
Bus monitor status register 1
SYCBESTS1
R/W
H'00
H'FF400004
8, 16, 32
Bus monitor status register 2
SYCBESTS2
R/W
H'00
H'FF400008
8, 16, 32
Bus error control register
SYCBESW
R/W
H'00
H'FF40000C
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com