| Electronic Components Datasheet Search |
|
SH7619 Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7619 Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 836 page ![]() Rev. 5.00 Mar. 15, 2007 Page xxxv of xxxviii Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC) Table 12.1 EESR Bits for which This Problem can Occur and Reflection of Interrupt Sources in the Descriptor................................................................... 305 Table 12.2 Reference Values for Maximum Specified Time.................................................. 321 Section 13 Direct Memory Access Controller (DMAC) Table 13.1 Pin Configuration.................................................................................................. 325 Table 13.2 Transfer Request Sources ..................................................................................... 336 Table 13.3 Selecting External Request Modes with RS Bits .................................................. 339 Table 13.4 Selecting External Request Detection with DL, DS Bits ...................................... 340 Table 13.5 Selecting External Request Detection with DO Bit .............................................. 340 Table 13.6 Selecting On-Chip Peripheral Module Request Modes with RS3 to RS0 Bits ..... 341 Table 13.7 Supported DMA Transfers.................................................................................... 344 Table 13.8 Relationship between Request Modes and Bus Modes by DMA Transfer Category .................................................................................. 351 Section 15 Serial Communication Interface with FIFO (SCIF) Table 15.1 SCIF Pins .............................................................................................................. 376 Table 15.2 SCSMR Settings ................................................................................................... 395 Table 15.3 Bit Rates and SCBRR Settings in Asynchronous Mode ....................................... 395 Table 15.4 Bit Rates and SCBRR Settings in Synchronous Mode ......................................... 398 Table 15.5 Maximum Bit Rates for Various Frequencies with Baud Rate Generator (Asynchronous Mode) .......................................................................................... 399 Table 15.6 Maximum Bit Rates with External Clock Input (Asynchronous Mode) ............... 400 Table 15.7 Maximum Bit Rates with External Clock Input (Synchronous Mode) ................. 400 Table 15.8 SCSMR Settings and SCIF Communication Formats........................................... 411 Table 15.9 SCSMR and SCSCR Settings and SCIF Clock Source Selection......................... 411 Table 15.10 Serial Communication Formats (Asynchronous Mode).................................... 413 Table 15.11 SCIF Interrupt Sources ..................................................................................... 431 Section 16 Serial I/O with FIFO (SIOF) Table 16.1 Pin Configuration.................................................................................................. 443 Table 16.2 Operation in Each Transfer Mode......................................................................... 447 Table 16.3 SIOF Serial Clock Frequency ............................................................................... 473 Table 16.4 Serial Transfer Modes........................................................................................... 475 Table 16.5 Frame Length........................................................................................................ 476 Table 16.6 Audio Mode Specification for Transmit Data....................................................... 478 Table 16.7 Audio Mode Specification for Receive Data ........................................................ 478 Table 16.8 Setting Number of Channels in Control Data ....................................................... 479 Table 16.9 Conditions to Issue Transmit Request .................................................................. 481 Table 16.10 Conditions to Issue Receive Request ................................................................ 481 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |