Electronic Components Datasheet Search
  English  ▼

X  

SH7619 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 41Page - Renesas Technology Corp SH7619 Datasheet HTML 42Page - Renesas Technology Corp SH7619 Datasheet HTML 43Page - Renesas Technology Corp SH7619 Datasheet HTML 44Page - Renesas Technology Corp SH7619 Datasheet HTML 45Page - Renesas Technology Corp SH7619 Datasheet HTML 46Page - Renesas Technology Corp SH7619 Datasheet HTML 47Page - Renesas Technology Corp SH7619 Datasheet HTML 48Page - Renesas Technology Corp SH7619 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 836 page
background image
Section 1 Overview
Rev. 5.00 Mar. 15, 2007 Page 7 of 794
REJ09B0237-0500
1.2
Block Diagram
Figure 1.1 is a block diagram of this LSI.
SuperH
CPU core
User break
controller
(UBC)
Cache
access
controller
(CCN)
U memory
16 kbytes
Cache
memory
16 kbytes
Bus state
controller
(BSC)
Peripheral
bus
controller
Direct
memory
access
controller for
Ethernet
controller
(E-DMAC)
CPU bus (I clock)
Internal bus (B clock)
External bus
Notes:
Host
interface
(HIF)
User
debugging
interface
(H-UDI)
Interrupt
controller
(INTC)
Power-
down
mode
control
Watchdog
timer
(WDT)
Clock pulse
generator
(CPG)
Serial
communication
interface
with FIFO
(SCIF)*1
Transmit FIFO
(512 bytes)
Ethernet physical
layer transceiver
(PHY)
Receive FIFO
(512 bytes)
Peripheral bus (P clock)
I/O port,
Pin function
controller
(PFC)
Compare
match timer
(CMT)*2
1-kbyte
SRAM
1. SCIF includes three channels.
2. CMT includes two channels.
Direct
memory
access
controller
(DMAC)
Ethernet
controller
(EtherC)
Serial IO
with FIFO
(SIOF)
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com