| Electronic Components Datasheet Search |
|
SH7619 Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7619 Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 836 page ![]() Rev. 5.00 Mar. 15, 2007 Page xxvii of xxxviii Figure 14.7 Conflict between Byte-Write and Count-Up Processes of CMCNT ....................... 371 Section 15 Serial Communication Interface with FIFO (SCIF) Figure 15.1 Block Diagram of SCIF........................................................................................... 375 Figure 15.2 Example of Data Format in Asynchronous Communication (8-Bit Data with Parity and Two Stop Bits) ........................................................... 412 Figure 15.3 Sample Flowchart for SCIF Initialization ............................................................... 415 Figure 15.4 Sample Flowchart for Transmitting Serial Data ...................................................... 416 Figure 15.5 Example of Transmit Operation (8-Bit Data, Parity, One Stop Bit)........................ 418 Figure 15.6 Example of Operation Using Modem Control ( CTS)..............................................418 Figure 15.7 Sample Flowchart for Receiving Serial Data (1)..................................................... 419 Figure 15.8 Sample Flowchart for Receiving Serial Data (2)..................................................... 420 Figure 15.9 Example of SCIF Receive Operation (8-Bit Data, Parity, One Stop Bit) ................ 422 Figure 15.10 Example of Operation Using Modem Control ( RTS)............................................422 Figure 15.11 Data Format in Synchronous Communication ...................................................... 423 Figure 15.12 Sample Flowchart for SCIF Initialization.............................................................. 425 Figure 15.13 Sample Flowchart for Transmitting Serial Data .................................................... 426 Figure 15.14 Example of SCIF Transmit Operation................................................................... 427 Figure 15.15 Sample Flowchart for Receiving Serial Data (1)................................................... 428 Figure 15.16 Sample Flowchart for Receiving Serial Data (2)................................................... 428 Figure 15.17 Example of SCIF Receive Operation .................................................................... 429 Figure 15.18 Sample Flowchart for Transmitting/Receiving Serial Data................................... 430 Figure 15.19 RTSIO Bit, RTSDT Bit, and RTS Pin...................................................................432 Figure 15.20 CTSIO Bit, CTSDT Bit, and CTS Pin...................................................................433 Figure 15.21 SCKIO Bit, SCKDT Bit, and SCK Pin ................................................................. 434 Figure 15.22 SPBIO Bit, SPBDT Bit, and TxD Pin ................................................................... 434 Figure 15.23 SPBDT Bit and RxD Pin ....................................................................................... 435 Figure 15.24 Receive Data Sampling Timing in Asynchronous Mode ...................................... 437 Section 16 Serial I/O with FIFO (SIOF) Figure 16.1 Block Diagram of SIOF .......................................................................................... 442 Figure 16.2 Serial Clock Supply................................................................................................. 473 Figure 16.3 Serial Data Synchronization Timing ....................................................................... 474 Figure 16.4 SIOF Transmit/Receive Timing .............................................................................. 475 Figure 16.5 Transmit/Receive Data Bit Alignment .................................................................... 477 Figure 16.6 Control Data Bit Alignment .................................................................................... 478 Figure 16.7 Control Data Interface (Slot Position) ..................................................................... 479 Figure 16.8 Control Data Interface (Secondary FS) ................................................................... 480 Figure 16.9 Example of Transmit Operation in Master Mode.................................................... 483 Figure 16.10 Example of Receive Operation in Master Mode ................................................... 484 Figure 16.11 Example of Transmit Operation in Slave Mode .................................................... 485 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |