| Electronic Components Datasheet Search |
|
SH7619 Datasheet(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7619 Datasheet(HTML) 25 Page - Renesas Technology Corp |
|
25 / 836 page ![]() Rev. 5.00 Mar. 15, 2007 Page xxv of xxxviii Section 10 Power-Down Modes Figure 10.1 Canceling Standby Mode with STBY Bit in STBCR.............................................. 232 Section 11 Ethernet Controller (EtherC) Figure 11.1 Configuration of EtherC .......................................................................................... 234 Figure 11.2 EtherC Transmitter State Transitions ...................................................................... 254 Figure 11.3 EtherC Receiver State Transmissions...................................................................... 255 Figure 11.4 (1) MII Frame Transmit Timing (Normal Transmission)........................................ 256 Figure 11.4 (2) MII Frame Transmit Timing (Collision)............................................................ 256 Figure 11.4 (3) MII Frame Transmit Timing (Transmit Error)................................................... 257 Figure 11.4 (4) MII Frame Receive Timing (Normal Reception)............................................... 257 Figure 11.4 (5) MII Frame Receive Timing (Reception Error (1))............................................. 257 Figure 11.4 (6) MII Fame Receive Timing (Reception Error (2)) .............................................. 257 Figure 11.5 MII Management Frame Format ............................................................................. 258 Figure 11.6 (1) 1-Bit Data Write Flowchart ............................................................................... 259 Figure 11.6 (2) Bus Release Flowchart (TA in Read in Figure 11.5) ......................................... 260 Figure 11.6 (3) 1-Bit Data Read Flowchart ................................................................................ 260 Figure 11.6 (4) Independent Bus Release Flowchart (IDLE in Write in Figure 11.5)................ 261 Figure 11.7 Changing IPG and Transmission Efficiency ........................................................... 262 Figure 11.8 Example of Connection to DP83846AVHG............................................................ 263 Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC) Figure 12.1 Configuration of E-DMAC, and Descriptors and Buffers ....................................... 265 Figure 12.2 Relationship between Transmit Descriptor and Transmit Buffer ............................ 290 Figure 12.3 Relationship between Receive Descriptor and Receive Buffer ............................... 294 Figure 12.4 Sample Transmission Flowchart ............................................................................. 299 Figure 12.5 Sample Reception Flowchart................................................................................... 301 Figure 12.6 E-DMAC Operation after Transmit Error ............................................................... 302 Figure 12.7 E-DMAC Operation after Receive Error................................................................. 303 Figure 12.8 Timing of the Case where Setting of the Interrupt Source Bit in EESR by the E-DMAC Fails ............................................................................................ 304 Figure 12.9 Countermeasure by Monitoring the Transmit Descriptor in Processing of Interrupts Other than the Frame Transmit Complete (TC) Interrupt ...................... 310 Figure 12.10 Method of Adding Timeout Processing................................................................. 312 Figure 12.11 Operation when E-DMAC Stops and the Transmit FIFO ..................................... 314 Figure 12.12 Processing Transmission without Handling of the TC Interrupt ........................... 317 Figure 12.13 Countermeasure for the Case with TC Interrupt-Driven Software: Addition of Timeout Processing within the Limit Imposed by the Maximum Specified Time. 320 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |