Electronic Components Datasheet Search
  English  ▼

X  

SH7619 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 37Page - Renesas Technology Corp SH7619 Datasheet HTML 38Page - Renesas Technology Corp SH7619 Datasheet HTML 39Page - Renesas Technology Corp SH7619 Datasheet HTML 40Page - Renesas Technology Corp SH7619 Datasheet HTML 41Page - Renesas Technology Corp SH7619 Datasheet HTML 42Page - Renesas Technology Corp SH7619 Datasheet HTML 43Page - Renesas Technology Corp SH7619 Datasheet HTML 44Page - Renesas Technology Corp SH7619 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 836 page
background image
Section 1 Overview
Rev. 5.00 Mar. 15, 2007 Page 3 of 794
REJ09B0237-0500
Items
Specification
Bus state controller
(BSC)
• Address space is divided into five areas: three areas 0, 3, and 4; each
a maximum of 64 Mbytes, and two areas 5B and 6B; each a maximum
of 32 Mbytes (address map 1 mode).
• Address space is divided into five areas, 0, 3, 4, 5, and 6; each a
maximum of 64 Mbytes (address map 2 mode).
• 32-bit external bus (max.)
• The following features are settable for each area.
 Bus size (8, 16, or 32 bits) (Area 0 does not support the bus size of
32 bits.)
 Number of access wait cycles
 Setting of idle wait cycles
 Specifying the memory to be connected to each area enables direct
connection to SRAM, SDRAM, and PCMCIA.
 Outputs chip select signals (CS0, CS3, CS4, CS5B, and CS6B) for
corresponding area
• SDRAM refresh function
 Supports auto-refresh and self-refresh modes
• SDRAM burst access function
• PCMCIA access function
 Conforms to the JEIDA Ver. 4.2 standard, two slots
• Selection of big or little endian mode (The mode of all the areas is
switched collectively by a mode pin.)
Direct memory access
controller (DMAC)
• Four channels; external request available for two of them
• Burst mode and cycle steal mode
• Outputs a transfer end signal of the channel handling an external
request
• Intermittent mode available (16 and 64 cycles supported)
Interrupt controller
(INTC)
• Supports nine external interrupt pins (NMI, IRQ7 to IRQ0)
• On-chip peripheral interrupt: Priority level is independently selected for
each module
• Vector address: Specified vector address for each interrupt source
User debugging
interface (H-UDI)
• Supports the JTAG interface emulator
• JTAG standard pins arranged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com