Electronic Components Datasheet Search
  English  ▼

X  

SH7619 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 48Page - Renesas Technology Corp SH7619 Datasheet HTML 49Page - Renesas Technology Corp SH7619 Datasheet HTML 50Page - Renesas Technology Corp SH7619 Datasheet HTML 51Page - Renesas Technology Corp SH7619 Datasheet HTML 52Page - Renesas Technology Corp SH7619 Datasheet HTML 53Page - Renesas Technology Corp SH7619 Datasheet HTML 54Page - Renesas Technology Corp SH7619 Datasheet HTML 55Page - Renesas Technology Corp SH7619 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 836 page
background image
Section 1 Overview
Rev. 5.00 Mar. 15, 2007 Page 14 of 794
REJ09B0237-0500
Classifi-
cation
Abbr.
I/O
Pin Name
Description
TCK
Input
Test Clock
Test clock input pin
TMS
Input
Test Mode
Select
Input pin for test mode select signal
User
debugging
interface
(H-UDI)
TDI
Input
Test Data
Input
Serial input pin for an instruction and data
TDO
Output Test Data
Output
Serial output pin for an instruction and data
TRST
Input
Test Reset
Input pin for initialization
I/O ports
PA25 to
PA16
Input/
output
General Port
Pins for 10-bit general input/output port
PB13 to
PB00
Input/
output
General Port
Pins for 14-bit general input/output port
PC20 to
PC00
Input/
output
General Port
Pins for 21-bit general input/output port
PD07 to
PD00
Input/
output
General Port
Pins for 8-bit general input/output port
PE24 to
PE00
Input/
output
General Port
Pins for 25-bit general input/output port
Emulator
interface
ASEMD
Input
ASE Mode
Specifies ASE mode.
This LSI enters ASE mode when this signal goes low and
normal mode when this pin goes high. In ASE mode,
functions for the emulator are available.
Test mode
TESTMD
Input
Test Mode
Specifies test mode.
This LSI enters test mode when this signal goes low. Fix this
signal high.
TESTOUT
Output Test Output
Output pin for testing. This pin should be open.
Vcc1A
Input
Analog Power
Supply 1 for
PHY
Analog power supply pin for the PHY
Physical
layer
trans-
ceiver
(PHY)
Vcc2A
Input
Analog Power
Supply 2 for
PHY
Analog power supply pin for the PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com