Electronic Components Datasheet Search
  English  ▼

X  

SH7619 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 120Page - Renesas Technology Corp SH7619 Datasheet HTML 121Page - Renesas Technology Corp SH7619 Datasheet HTML 122Page - Renesas Technology Corp SH7619 Datasheet HTML 123Page - Renesas Technology Corp SH7619 Datasheet HTML 124Page - Renesas Technology Corp SH7619 Datasheet HTML 125Page - Renesas Technology Corp SH7619 Datasheet HTML 126Page - Renesas Technology Corp SH7619 Datasheet HTML 127Page - Renesas Technology Corp SH7619 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 836 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 5.00 Mar. 15, 2007 Page 86 of 794
REJ09B0237-0500
6.3.1
Interrupt Control Register 0 (ICR0)
ICR0 is a 16-bit register that sets the input signal detection mode of the external interrupt input pin
NMI and indicates the input signal level on the NMI pin.
Bit
Bit Name
Initial
Value
R/W
Description
15
NMIL
1/0
R
NMI Input Level
Indicates the state of the signal input to the NMI pin.
This bit can be read to determine the NMI pin level.
This bit cannot be modified.
0: State of the NMI input is low
1: State of the NMI input is high
14 to 9
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
8
NMIE
0
R/W
NMI Edge Select
0: Interrupt request is detected on the falling edge of
the NMI input
1: Interrupt request is detected on the rising edge of
the NMI input
7 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com