Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 106Page - Renesas Technology Corp HD64F2149 Datasheet HTML 107Page - Renesas Technology Corp HD64F2149 Datasheet HTML 108Page - Renesas Technology Corp HD64F2149 Datasheet HTML 109Page - Renesas Technology Corp HD64F2149 Datasheet HTML 110Page - Renesas Technology Corp HD64F2149 Datasheet HTML 111Page - Renesas Technology Corp HD64F2149 Datasheet HTML 112Page - Renesas Technology Corp HD64F2149 Datasheet HTML 113Page - Renesas Technology Corp HD64F2149 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1075 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jan 18, 2006 page 82 of 1044
REJ09B0280-0300
Bit 6—IOS Enable (IOSE): Controls the function of the
AS/IOS pin in expanded mode.
Bit 6
IOSE
Description
0
The
AS/IOS pin functions as the address strobe pin
(Low output when accessing an external area)
(Initial value)
1
The
AS/IOS pin functions as the I/O strobe pin
(Low output when accessing a specified address from H'(FF)F000 to H'(FF)F7FF)
Bit 3—External Reset (XRST): Indicates the reset source. When the watchdog timer is used, a
reset can be generated by watchdog timer overflow as well as by external reset input. XRST is a
read-only bit. It is set to 1 by an external reset and cleared to 0 by watchdog timer overflow.
Bit 3
XRST
Description
0
A reset is generated by watchdog timer overflow
1
A reset is generated by an external reset
(Initial value)
Bit 1—Host Interface Enable (HIE): This bit controls CPU access to the host interface
(HIF:XBS) data registers and control registers (HICR, IDR1, ODR1, STR1, IDR2, ODR2, and
STR2), the keyboard controller and MOS input pull-up control registers (KMIMR, KMPCR, and
KMIMRA), the 8-bit timer (channel X and Y) data registers and control registers (TCRX/TCRY,
TCSRX/TCSRY, TICRR/TCORAY, TICRF/TCORBY, TCNTX/TCNTY, TCORC/TISR,
TCORAX, and TCORBX), and the timer connection control registers (TCONRI, TCONRO,
TCONRS, and SEDGR).
Bit 1
HIE
Description
0
In areas H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC to H'(FF)FFFF,
CPU access to 8-bit timer (channel X and Y) data registers and control
registers, and timer connection control registers, is permitted
(Initial value)
1
In areas H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC to H'(FF)FFFF,
CPU access to host interface data registers and control registers, and
keyboard controller and MOS input pull-up control registers, is permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com