Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 108Page - Renesas Technology Corp HD64F2149 Datasheet HTML 109Page - Renesas Technology Corp HD64F2149 Datasheet HTML 110Page - Renesas Technology Corp HD64F2149 Datasheet HTML 111Page - Renesas Technology Corp HD64F2149 Datasheet HTML 112Page - Renesas Technology Corp HD64F2149 Datasheet HTML 113Page - Renesas Technology Corp HD64F2149 Datasheet HTML 114Page - Renesas Technology Corp HD64F2149 Datasheet HTML 115Page - Renesas Technology Corp HD64F2149 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 1075 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jan 18, 2006 page 84 of 1044
REJ09B0280-0300
3.2.4
Serial Timer Control Register (STCR)
7
IICS
0
R/W
6
IICX1
0
R/W
5
IICX0
0
R/W
4
IICE
0
R/W
3
FLSHE
0
R/W
0
ICKS0
0
R/W
2
—
0
R/W
1
ICKS1
0
R/W
Bit
Initial value
Read/Write
STCR is an 8-bit readable/writable register that controls register access, the IIC operating mode
(when the on-chip IIC option is included), an on-chip flash memory control, and also selects the
TCNT input clock. For details of functions other than register access control, see the descriptions
of the relevant modules. If a module controlled by STCR is not used, do not write 1 to the
corresponding bit.
STCR is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 to 5—I
2C Control (IICS, IICX1, IICX0): These bits control the operation of the I2C bus
interface and others when the on-chip IIC option is included. For details, see section 16, I
2C Bus
Interface.
Bit 4—I
2C Master Enable (IICE): Controls CPU access to the I2C bus interface data registers
and control registers (ICCR, ICSR, ICDR/SARX, and ICMR/SAR), the PWMX data registers and
control registers (DADRAH/DACR, DADRAL, DADRBH/DACNTH, and DADRBL/DACNTL),
and the SCI control registers (SMR, BRR, and SCMR).
Bit 4
IICE
Description
0
Addresses H'(FF)FF88 and H'(FF)FF89, and H'(FF)FF8E and
H'(FF)FF8F, are used for SCI1 control register access
Addresses H'(FF)FFA0 and H'(FF)FFA1, and H'(FF)FFA6 and
H'(FF)FFA7, are used for SCI2 control register access
Addresses H'(FF)FFD8 and H'(FF)FFD9, and H'(FF)FFDE and
H'(FF)FFDF, are used for SCI0 control register access
(Initial value)
1
Addresses H'(FF)FF88 and H'(FF)FF89, and H'(FF)FF8E and
H'(FF)FF8F, are used for IIC1 data register and control register access
Addresses H'(FF)FFA0 and H'(FF)FFA1, and H'(FF)FFA6 and
H'(FF)FFA7, are used for PWMX data register and control register
access
Addresses H'(FF)FFD8 and H'(FF)FFD9, and H'(FF)FFDE and
H'(FF)FFDF, are used for IIC0 data register and control register access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com