Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 111Page - Renesas Technology Corp HD64F2149 Datasheet HTML 112Page - Renesas Technology Corp HD64F2149 Datasheet HTML 113Page - Renesas Technology Corp HD64F2149 Datasheet HTML 114Page - Renesas Technology Corp HD64F2149 Datasheet HTML 115Page - Renesas Technology Corp HD64F2149 Datasheet HTML 116Page - Renesas Technology Corp HD64F2149 Datasheet HTML 117Page - Renesas Technology Corp HD64F2149 Datasheet HTML 118Page - Renesas Technology Corp HD64F2149 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1075 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jan 18, 2006 page 87 of 1044
REJ09B0280-0300
3.4
Pin Functions in Each Operating Mode
The pin functions of ports 1 to 3, 9, A, and B vary depending on the operating mode. Table 3.3
shows their functions in each operating mode.
Table 3.3
Pin Functions in Each Mode
Port
Mode 1
Mode 2
Mode 3
Port 1
A
P*/A
P*/A
Port 2
A
P*/A
P*/A
Port A
P
P*/A
P
Port 3
D
P*/D
P*/D
Port B
P*/D
P*/D
P*/D
Port 9
P97
P*/C
P*/C
P*/C
P96
C */P
P*/C
P*/C
P95 to P93
C
P*/C
P*/C
P92 and P91
P
P
P
P90
P*/C
P*/C
P*/C
Ports C to G
P
P
P
Legend:
P: I/O port
A: Address bus output
D: Data bus I/O
C: Control signals, clock I/O
*: After reset
3.5
Memory Map in Each Operating Mode
Figure 3.1 shows memory maps for each of the operating modes.
The address space is 64 kbytes in modes 1 and 3 (normal modes), and 16 Mbytes in mode 2
(advanced mode).
The on-chip ROM capacity is 64 kbytes, but only 56 kbytes are available in mode 3 (normal
mode).
Do not access reserved area.
For details, see section 6, Bus Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com