Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 107Page - Renesas Technology Corp HD64F2149 Datasheet HTML 108Page - Renesas Technology Corp HD64F2149 Datasheet HTML 109Page - Renesas Technology Corp HD64F2149 Datasheet HTML 110Page - Renesas Technology Corp HD64F2149 Datasheet HTML 111Page - Renesas Technology Corp HD64F2149 Datasheet HTML 112Page - Renesas Technology Corp HD64F2149 Datasheet HTML 113Page - Renesas Technology Corp HD64F2149 Datasheet HTML 114Page - Renesas Technology Corp HD64F2149 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1075 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jan 18, 2006 page 83 of 1044
REJ09B0280-0300
Bit 0—RAM Enable (RAME): Enables or disables the on-chip RAM. The RAME bit is
initialized when the reset state is released. It is not initialized in software standby mode.
Bit 0
RAME
Description
0
On-chip RAM is disabled
1
On-chip RAM is enabled
(Initial value)
3.2.3
Bus Control Register (BCR)
7
ICIS1
1
R/W
6
ICIS0
1
R/W
5
BRSTRM
0
R/W
4
BRSTS1
1
R/W
3
BRSTS0
0
R/W
0
IOS0
1
R/W
2
—
1
R/W
1
IOS1
1
R/W
Bit
Initial value
Read/Write
BCR is an 8-bit readable/writable register that specifies the external memory space access mode,
and the I/O area range when the
AS pin is designated for use as the I/O strobe. For details on bits 7
to 2, see section 6.2.1, Bus Control Register (BCR).
BCR is initialized to H'D7 by a reset and in hardware standby mode.
Bits 1 and 0—IOS Select 1 and 0 (IOS1, IOS0): These bits specify the addresses for which the
AS/IOS pin output goes low when IOSE = 1.
BCR
Bit 1
Bit 0
IOS1
IOS0
Description
0
0
The
AS/IOS pin output goes low in accesses to addresses
H'(FF)F000 to H'(FF)F03F
1
The
AS/IOS pin output goes low in accesses to addresses
H'(FF)F000 to H'(FF)F0FF
1
0
The
AS/IOS pin output goes low in accesses to addresses
H'(FF)F000 to H'(FF)F3FF
1
The
AS/IOS pin output goes low in accesses to addresses
H'(FF)F000 to H'(FF)F7FF
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com