Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 236Page - Renesas Technology Corp HD64F2149 Datasheet HTML 237Page - Renesas Technology Corp HD64F2149 Datasheet HTML 238Page - Renesas Technology Corp HD64F2149 Datasheet HTML 239Page - Renesas Technology Corp HD64F2149 Datasheet HTML 240Page - Renesas Technology Corp HD64F2149 Datasheet HTML 241Page - Renesas Technology Corp HD64F2149 Datasheet HTML 242Page - Renesas Technology Corp HD64F2149 Datasheet HTML 243Page - Renesas Technology Corp HD64F2149 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 212 of 1044
REJ09B0280-0300
• Modes 2 and 3 (EXPE = 0)
The corresponding port 2 pins are output ports or PWM outputs when P2DDR bits are set to 1,
and input ports when cleared to 0.
P27 can be used as an on-chip supporting module output pin regardless of the P27DDR setting.
Port 2 Data Register (P2DR)
7
P27DR
0
R/W
6
P26DR
0
R/W
5
P25DR
0
R/W
4
P24DR
0
R/W
3
P23DR
0
R/W
0
P20DR
0
R/W
2
P22DR
0
R/W
1
P21DR
0
R/W
Bit
Initial value
R/W
P2DR is an 8-bit readable/writable register that stores output data for the port 2 pins (P27 to P20).
If a port 2 read is performed while P2DDR bits are set to 1, the P2DR values are read directly,
regardless of the actual pin states. If a port 2 read is performed while P2DDR bits are cleared to 0,
the pin states are read.
P2DR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
Port 2 MOS Pull-Up Control Register (P2PCR)
7
P27PCR
0
R/W
6
P26PCR
0
R/W
5
P25PCR
0
R/W
4
P24PCR
0
R/W
3
P23PCR
0
R/W
0
P20PCR
0
R/W
2
P22PCR
0
R/W
1
P21PCR
0
R/W
Bit
Initial value
R/W
P2PCR is an 8-bit readable/writable register that controls the port 2 built-in MOS input pull-ups
on a bit-by-bit basis.
In modes 2 and 3, the MOS input pull-up is turned on when a P2PCR bit is set to 1 while the
corresponding P2DDR bit is cleared to 0 (input port setting).
P2PCR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com